Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV540APWTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV540APWTE4
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV540APWTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV540APWTE4 Datasheet HTML 1Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 2Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 3Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 4Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 5Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 6Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 7Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 8Page - Texas Instruments SN74LV540APWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54LV540A, SN74LV540A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCLS409H − APRIL 1998 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 8.5 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN54LV540A ...J OR W PACKAGE
SN74LV540A . . . DB, DGV, DW, NS,
OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54LV540A . . . FK PACKAGE
(TOP VIEW)
SN74LV540A . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
A1
A2
A3
A4
A5
A6
A7
A8
description/ordering information
The ’LV540A devices are octal buffers/drivers designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV540ARGYR
LV540A
SOIC − DW
Tube of 25
SN74LV540ADW
LV540A
SOIC − DW
Reel of 2000
SN74LV540ADWR
LV540A
SOP − NS
Reel of 2000
SN74LV540ANSR
74LV540A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV540ADBR
LV540A
−40 C to 85 C
Tube of 70
SN74LV540APW
TSSOP − PW
Reel of 2000
SN74LV540APWR
LV540A
TSSOP − PW
Reel of 250
SN74LV540APWT
LV540A
TVSOP − DGV
Reel of 2000
SN74LV540ADGVR
LV540A
CDIP − J
Tube of 20
SNJ54LV540AJ
SNJ54LV540AJ
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54LV540AW
SNJ54LV540AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV540AFK
SNJ54LV540AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV540APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV540APWTE4 TI-SN74LV540APWTE4 Datasheet
641Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV540APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com