Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS180DRE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS180DRE4
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS180DRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS180DRE4 Datasheet HTML 4Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 5Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 6Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 7Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 8Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 9Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 10Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 11Page - Texas Instruments SN75ALS180DRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN65ALS180, SN75ALS180
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SLLS052G – AUGUST 1987 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0 V
3 V
tt(OD)
tt(OD)
td(ODH)
Output
Input
TEST CIRCUIT
VOLTAGE WAVEFORMS
td(ODL)
RL = 54 Ω
CL = 50 pF
(see Note A)
Output
3 V
Generator
(see Note B)
50
≈2.5 V
≈–2.5 V
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
1.5 V
1.5 V
50%
90%
50%
10%
10%
Figure 3. Driver Test Circuit and Voltage Waveforms
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOH
tPHZ
tPZH
0 V
3 V
Output
Input
Output
S1
0 V or 3 V
RL = 110 Ω
50
Voff ≈ 0 V
0.5 V
Generator
(see Note B)
CL = 50 pF
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
1.5 V
1.5 V
2.3 V
Figure 4. Driver Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
VOL
tPLZ
tPZL
5 V
0.5 V
0 V
3 V
Output
Input
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
TEST CIRCUIT
Output
S1
0 V or 3 V
RL = 110 Ω
50
Generator
(see Note B)
CL = 50 pF
(see Note A)
5 V
1.5 V
1.5 V
2.3 V
Figure 5. Driver Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS180DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS180DRE4 TI-SN75ALS180DRE4 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75ALS180DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com