Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS180DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS180DRG4
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS180DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS180DRG4 Datasheet HTML 2Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 3Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 4Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 5Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 6Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 7Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 8Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 9Page - Texas Instruments SN75ALS180DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN65ALS180, SN75ALS180
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SLLS052G – AUGUST 1987 – REVISED APRIL 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SYMBOL EQUIVALENTS
DATA-SHEET
PARAMETER
TIA/EIA-422-B
TIA/EIA-485-A
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
Vt
(test termination measurement 2)
Vtest
Vtst
∆|VOD|
||Vt| – |Vt||
||Vt| – |Vt||
VOC
|Vos|
|Vos|
∆|VOC|
|Vos – Vos|
|Vos – Vos|
IOS
|Isa|, |Isb|
IO
|Ixa|, |Ixb|
Iia, Iib
RECEIVERS
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold
voltage
VO = 2.7 V,
IO = –0.4 mA
0.2
V
VIT–
Negative-going input threshold
voltage
VO = 0.5 V,
IO = 8 mA
–0.2‡
V
Vhys
Hysteresis voltage (VIT+ – VIT–)
60
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –400 µA,
See Figure 6
2.7
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 8 mA,
See Figure 6
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input = 0 V
VI = 12 V
1
mA
II
Line input current
(see Note 6)
VI = –7 V
–0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
20
µA
IIL
Low-level enable-input current
VIL = 0.4 V
–100
µA
ri
Input resistance
12
k
IOS
Short-circuit output current
VID = 200 mV,
VO = 0
–15
–85
mA
ICC
Supply current
No load
Receiver outputs enabled,
Driver inputs disabled
19
30
mA
CC
y
Outputs disabled
19
26
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 6: This applies for both power on and power off. Refer to TIA/EIA-485-A for exact conditions.


Similar Part No. - SN75ALS180DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS180DR TI-SN75ALS180DR Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180DRE4 TI-SN75ALS180DRE4 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75ALS180DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com