Electronic Components Datasheet Search |
|
SN74S374DWRE4 Datasheet(PDF) 11 Page - Texas Instruments |
|
SN74S374DWRE4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 28 page SN54LS373, SN54LS374, SN54S373, SN54S374, SN74LS373, SN74LS374, SN74S373, SN74S374 OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION SERIES 54LS/74LS DEVICES tPHL tPLH tPLH tPHL LOAD CIRCUIT FOR 3-STATE OUTPUTS High-Level Pulse Low-Level Pulse VOLTAGE WAVEFORMS PULSE DURATIONS Input Out-of-Phase Output (see Note D) 3 V 0 V VOL VOH VOH VOL In-Phase Output (see Note D) VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VCC RL Test Point From Output Under Test CL (see Note A) LOAD CIRCUIT FOR OPEN-COLLECTOR OUTPUTS LOAD CIRCUIT FOR 2-STATE TOTEM-POLE OUTPUTS (see Note B) VCC RL From Output Under Test CL (see Note A) Test Point (see Note B) VCC RL From Output Under Test CL (see Note A) Test Point 5 k Ω NOTES: A. CL includes probe and jig capacitance. B. All diodes are 1N3064 or equivalent. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. D. S1 and S2 are closed for tPLH, tPHL, tPHZ, and tPLZ; S1 is open and S2 is closed for tPZH; S1 is closed and S2 is open for tPZL. E. Phase relationships between inputs and outputs have been chosen arbitrarily for these examples. F. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO ≈ 50 Ω, tr ≤ 1.5 ns, tf ≤ 2.6 ns. G. The outputs are measured one at a time with one input transition per measurement. H. All parameters and waveforms are not applicable to all devices . S1 S2 tPHZ tPLZ tPZL tPZH 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Timing Input Data Input 3 V 0 V Output Control (low-level enabling) Waveform 1 (see Notes C and D) Waveform 2 (see Notes C and D) ≈1.5 V VOH – 0.5 V VOL + 0.5 V ≈1.5 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V tw 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V 1.3 V VOL VOH Figure 1. Load Circuits and Voltage Waveforms |
Similar Part No. - SN74S374DWRE4 |
|
Similar Description - SN74S374DWRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |