Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1543T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA1543T
Description  Dual 16-bit DAC economy version I2S input format
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1543T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1543T Datasheet HTML 5Page - NXP Semiconductors TDA1543T Datasheet HTML 6Page - NXP Semiconductors TDA1543T Datasheet HTML 7Page - NXP Semiconductors TDA1543T Datasheet HTML 8Page - NXP Semiconductors TDA1543T Datasheet HTML 9Page - NXP Semiconductors TDA1543T Datasheet HTML 10Page - NXP Semiconductors TDA1543T Datasheet HTML 11Page - NXP Semiconductors TDA1543T Datasheet HTML 12Page - NXP Semiconductors TDA1543T Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
February 1991
10
Philips Semiconductors
Product specification
Dual 16-bit DAC (economy version)
(I2S input format)
TDA1543
Notes to Fig.7
• The sample frequency 4FS: 176.4 kHz.
• The supply voltage at the measurement = + 5 V (DC).
• Ref: 0 dB is the output level of a full scale digital sine wave stimulus.
• The graphs are constructed from average values of a small amount of engineering samples therefore no guarantee
for typical values is implied.
• The arrows indicate the specification limits for 0 dB and −60 dB level signals.


Similar Part No. - TDA1543T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

Similar Description - TDA1543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4921ITLX TI1-LM4921ITLX Datasheet
1Mb / 26P
[Old version datasheet]   LM4921 Low Voltage I2S 16-Bit Stereo DAC
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Analog Devices
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
   I2S/PCM AUDIO DAC
logo
Analog Devices
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com