Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1545A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1545A
Description  Stereo continuous calibration DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1545A Datasheet HTML 5Page - NXP Semiconductors TDA1545A Datasheet HTML 6Page - NXP Semiconductors TDA1545A Datasheet HTML 7Page - NXP Semiconductors TDA1545A Datasheet HTML 8Page - NXP Semiconductors TDA1545A Datasheet HTML 9Page - NXP Semiconductors TDA1545A Datasheet HTML 10Page - NXP Semiconductors TDA1545A Datasheet HTML 11Page - NXP Semiconductors TDA1545A Datasheet HTML 12Page - NXP Semiconductors TDA1545A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Sep 04
9
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
Notes
1. At code 0000H.
2. Vripple = 1% of supply voltage and fripple = 100 Hz.
3. Measured with 1 kHz sinewave generated at a sampling rate of 192 kHz.
4. Measured with 1 kHz sinewave over a 20 Hz to 20 kHz bandwidth generated at a sampling rate of 192 kHz.
5. R3 = R4 = 11 k
Ω; see Fig.1; IFS = 2 mA.
THD
total harmonic distortion
including noise at 0 dB;
−−88
−78
dB
note 3; see Fig.7
0.004
0.01
%
including noise at
−60 dB;
−−33
−24
dB
note 3; Fig.7
2.2
6
%
including noise at
−60 dB,
−−35
dB
A-weighting
1.8
%
R3 =R4=11k
Ω see Fig.1;
IFS =2mA
1.4
%
including noise at 0 dB; note 4
−−84
−70
dB
0.006
0.03
%
tcs
settling time
±1 LSB
0.2
−µs
α
channel separation
86
95
dB
|dIO|
unbalance between outputs
note 3
0.2
0.3
dB
|td|
delay time between outputs
−±0.2
−µs
S/N
signal-to-noise ratio
(A-weighting)
at bipolar zero
note 1
86
98
dB
note 5
101
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA1545A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

Similar Description - TDA1545A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com