Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT6010LLL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT6010LLL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT6010LLL Datasheet(HTML) 4 Page - Microsemi Corporation

  APT6010LLL Datasheet HTML 1Page - Microsemi Corporation APT6010LLL Datasheet HTML 2Page - Microsemi Corporation APT6010LLL Datasheet HTML 3Page - Microsemi Corporation APT6010LLL Datasheet HTML 4Page - Microsemi Corporation APT6010LLL Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APT6010B2_LLL
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
20,000
10,000
1,000
100
10
200
100
10
1
1
10
100
600
0
10
20
30
40
50
0
50
100
150
200
250
0.3
0.5
0.7
0.9
1.1
1.3
1.5
Crss
Coss
Ciss
TJ =+150°C
TJ =+25°C
220
100
10
1
16
12
8
4
0
TC=+25°C
TJ=+150°C
SINGLE PULSE
OPERATIONHERE
LIMITEDBYRDS(ON)
10mS
1mS
100µS
VDS=300V
VDS=120V
VDS=480V
I
D = 54A
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
0
5
10 15 20 25 30
35 40 45 50
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
V
DD = 400V
I
D = 54A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
140
120
100
80
60
40
20
0
5000
4000
3000
2000
1000
0
120
100
80
60
40
20
0
2500
2000
1500
1000
500
0


Similar Part No. - APT6010LLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT6010LLL ADPOW-APT6010LLL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Microsemi Corporation
APT6010LLL MICROSEMI-APT6010LLL Datasheet
265Kb / 5P
   POWER MOS 7 MOSFET
logo
Inchange Semiconductor ...
APT6010LLL ISC-APT6010LLL Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT6010LLLG MICROSEMI-APT6010LLLG Datasheet
265Kb / 5P
   POWER MOS 7 MOSFET
More results

Similar Description - APT6010LLL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1201R4BLL ADPOW-APT1201R4BLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M10JLL ADPOW-APT20M10JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M20B2LL ADPOW-APT20M20B2LL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT30M36JLL ADPOW-APT30M36JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5010JLL ADPOW-APT5010JLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5016BLL ADPOW-APT5016BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5018BLL ADPOW-APT5018BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M38JFLL ADPOW-APT50M38JFLL Datasheet
63Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M50JFLL ADPOW-APT50M50JFLL Datasheet
71Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6010JLL ADPOW-APT6010JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6013B2LL ADPOW-APT6013B2LL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com