Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6113E017 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6113E017
Description  CMOS Voltage Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6113E017 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6113E017 Datasheet HTML 5Page - Torex Semiconductor XC6113E017 Datasheet HTML 6Page - Torex Semiconductor XC6113E017 Datasheet HTML 7Page - Torex Semiconductor XC6113E017 Datasheet HTML 8Page - Torex Semiconductor XC6113E017 Datasheet HTML 9Page - Torex Semiconductor XC6113E017 Datasheet HTML 10Page - Torex Semiconductor XC6113E017 Datasheet HTML 11Page - Torex Semiconductor XC6113E017 Datasheet HTML 12Page - Torex Semiconductor XC6113E017 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN
VSS -0.3 ~ 7.0
V
MRB
VSS -0.3 ~ VIN +0.3
V
Input Voltage
WD
VSS -0.3 ~ 7.0
V
Output Current
IOUT
20
mA
CMOS Output
RESETB/RESET
VSS -0.3 ~ VIN +0.3
Output Voltage
N-ch Open Drain Output
RESETB
VSS -0.3 ~ 7.0
V
SOT-25
250
Power Dissipation
USP-6C
Pd
100
mW
Operational Temperature Range
Topr
-40 ~ +85
O
C
Storage Temperature Range
Tstg
-40 ~ +125
O
C
ABSOLUTE MAXIMUM RATINGS
Ta = 25OC


Similar Part No. - XC6113E017

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6113E017

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
   CMOS MULTILEVEL VOLTAGE DETECTOR
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com