Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT6013B2LL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT6013B2LL
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT6013B2LL Datasheet(HTML) 4 Page - Microsemi Corporation

  APT6013B2LL_04 Datasheet HTML 1Page - Microsemi Corporation APT6013B2LL_04 Datasheet HTML 2Page - Microsemi Corporation APT6013B2LL_04 Datasheet HTML 3Page - Microsemi Corporation APT6013B2LL_04 Datasheet HTML 4Page - Microsemi Corporation APT6013B2LL_04 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, SOURCE-DRAIN DIODE FORWARD VOLTAGE
APT6013B2LL_LLL
1
10
100
600
0
10
20
30
40
50
0
40
80
120
160
200
0.3
0.5
0.7
0.9
1.1
1.3
1.5
172
100
10
1
16
12
8
4
0
TC =+25°C
TJ =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY RDS (ON)
Crss
Ciss
Coss
VDS=300V
VDS=120V
VDS=480V
10mS
1mS
100µS
TJ =+150°C
TJ =+25°C
20,000
10,000
1,000
100
10
200
100
10
1
I
D = 43A
I
D (A)
I
D (A)
FIGURE 14, DELAY TIMES vs CURRENT
FIGURE 15, RISE AND FALL TIMES vs CURRENT
ID (A)
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, SWITCHING ENERGY vs CURRENT
FIGURE 17, SWITCHING ENERGY VS. GATE RESISTANCE
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
td(on)
td(off)
Eon
Eoff
Eon
Eoff
tr
tf
10
20
30
40
50
60
70
10
20
30
40
50
60
70
10
20
30
40
50
60
70
0
5
10 15 20 25 30
35 40 45 50
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
V
DD = 400V
R
G = 5Ω
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
V
DD = 400V
I
D = 43A
T
J = 125°C
L = 100µH
E
ON includes
diode reverse recovery
120
100
80
60
40
20
0
3000
2500
2000
1500
1000
500
0
100
80
60
40
20
0
2000
1600
1200
800
400
0


Similar Part No. - APT6013B2LL_04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT6013B2LL ADPOW-APT6013B2LL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
logo
Inchange Semiconductor ...
APT6013B2LL ISC-APT6013B2LL Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - APT6013B2LL_04

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1201R4BLL ADPOW-APT1201R4BLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M10JLL ADPOW-APT20M10JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT20M20B2LL ADPOW-APT20M20B2LL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT30M36JLL ADPOW-APT30M36JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5010JLL ADPOW-APT5010JLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5016BLL ADPOW-APT5016BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS
APT5018BLL ADPOW-APT5018BLL Datasheet
61Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M38JFLL ADPOW-APT50M38JFLL Datasheet
63Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT50M50JFLL ADPOW-APT50M50JFLL Datasheet
71Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6010JLL ADPOW-APT6010JLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT6013B2LL ADPOW-APT6013B2LL Datasheet
70Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com