Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH8S64BALD-6 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH8S64BALD-6
Description  536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64BALD-6 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH8S64BALD-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64BALD-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MITSUBISHI
ELECTRIC
536,870,912-BIT ( 8,388,608-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH8S64BALD-6
MITSUBISHI LSIs
11/May. /1999
MIT-DS-0317-0.0
DESCRIPTION
APPLICATION
Main memory or graphic memory in computer systems
PRELIMINARY
Some of contents are subject to change without notice.
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH8S64BALD is 8388608 - word x 64-bit Synchronous
DRAM module. This consist of eight industry standard 8M x
8 Synchronous DRAMs in TSOP.
The TSOP on a card edge dual in-line package provides any
application where high densities and large of quantities
memory are required.
This is a socket-type memory module ,suitable for easy
interchange or addition of module.
FEATURES
Type name
5.4ns
(CL = 3)
MH8S64BALD-6
Utilizes industry standard 8M X 8 Synchronous DRAMs in TSOP
package
Single 3.3V +/- 0.3V supply
Max.Clock frequency 133MHz
Fully synchronous operation referenced to clock rising edge
4-bank operation controlled by BA0,BA1(Bank Address)
/CAS latency -2/3(programmable,at buffer mode)
LVTTL Interface
Burst length 1/2/4/8/Full Page(programmable)
Burst type- Sequential and interleave burst (programmable)
Random column access
Burst Write / Single Write(programmable)
Auto precharge / All bank precharge controlled by A10
Auto refresh and Self refresh
4096 refresh cycles every 64ms
Max.
Frequency
Access Time from CLK
[component level]
133MHz


Similar Part No. - MH8S64BALD-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64BALD-10 MITSUBISHI-MH8S64BALD-10 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-8 MITSUBISHI-MH8S64BALD-8 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64BALD-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64AQFC-6 MITSUBISHI-MH8S64AQFC-6 Datasheet
672Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH8S72BAFD-7 MITSUBISHI-MH8S72BAFD-7 Datasheet
732Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BCFD-6 MITSUBISHI-MH8S72BCFD-6 Datasheet
930Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BALD-6 MITSUBISHI-MH8S72BALD-6 Datasheet
584Kb / 40P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72BBFD-7 MITSUBISHI-MH8S72BBFD-7 Datasheet
733Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72DCFD-6 MITSUBISHI-MH8S72DCFD-6 Datasheet
943Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8S72DBFD-7 MITSUBISHI-MH8S72DBFD-7 Datasheet
944Kb / 56P
   603,979,776-BIT ( 8,388,608-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH8D64AKQC-75 MITSUBISHI-MH8D64AKQC-75 Datasheet
340Kb / 40P
   536,870,912-BIT (8,388,608-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com