Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA1551Q Datasheet(HTML) 4 Page - NXP Semiconductors

Part No. TDA1551Q
Description  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA1551Q Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1551Q Datasheet HTML 4Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 17 page
background image
July 1994
4
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
INV1
2
inverting input 1
GND
3
signal ground
VPRR
4
supply voltage ripple rejection
Vp1
5
positive supply voltage 1
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
SB
9
standby
OUT3
10
output 3
GND2
11
power ground 2
OUT4
12
output 4
Vp2
13
positive supply voltage 2
INV2
14
inverting input 2
−INV2
15
non-inverting input 2
SCL
16
serial clock line
SDA
17
serial data line
Fig.2 Pin configuration
handbook, halfpage
INV1
SGND
VPRR
OUT1
PGDN1
OUT2
STBY
OUT3
PGND2
OUT4
INV2
NINV2
SCL
SDA
1
VP
2
VP
1
2
3
4
5
6
7
8
9
10
11
12
13
17
16
15
14
TDA1551Q
MLA007
INV1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn