Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA1551Q Datasheet(HTML) 6 Page - NXP Semiconductors

Part No. TDA1551Q
Description  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA1551Q Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1551Q Datasheet HTML 6Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 17 page
background image
July 1994
6
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC134)
QUALITY SPECIFICATION
Electrostatic handling.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Supply voltage
VP
operating voltage
18
V
VP
non-operating voltage
30
V
load dump protect
45
V
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Tstg
storage temperature range
−55
150
°C
Tc
crystal temperature
150
°C
VPsc
AC/DC short-circuit safe voltage
18
V
energy handling capability at outputs (VP = 0)
200
mJ
VPr
reverse polarity
6V
Ptot
total power dissipation
60
W
SYMBOL
PINS
MIN.
MAX.
UNIT
Human body model; RS = 1500 Ω; C = 100 pF
Ves
1, 2, 14, 15, 16, and 17
−1.5
+1.5
kV
other
−2
+2kV
Machine model; RS = 0 Ω; C = 200 pF
Ves
1, 2, 14, 15, 16, and 17
−100
+100
V
other
−200
+200
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-c
from junction to case (Fig.3)
1.5 K/W
Rth j-a
from junction to ambient in free air
40 K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn