Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1552 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1552
Description  2 x 22 W BTL stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1552 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1552 Datasheet HTML 2Page - NXP Semiconductors TDA1552 Datasheet HTML 3Page - NXP Semiconductors TDA1552 Datasheet HTML 4Page - NXP Semiconductors TDA1552 Datasheet HTML 5Page - NXP Semiconductors TDA1552 Datasheet HTML 6Page - NXP Semiconductors TDA1552 Datasheet HTML 7Page - NXP Semiconductors TDA1552 Datasheet HTML 8Page - NXP Semiconductors TDA1552 Datasheet HTML 9Page - NXP Semiconductors TDA1552 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
July 1994
6
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25 °C; measurements taken using Fig.3; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage range
note 1
VP
6.0
14.4
18.0
V
Total quiescent current
Itot
80
160
mA
DC output voltage
note 2
VO
6.9
V
DC output offset voltage
|
∆V
O|
−−
150
mV
Mute/stand-by switch
Switch-on voltage level
VON
8.5
−−
V
Mute condition
Vmute
3.3
6.4
V
Output signal in mute
VI = 1 V (max);
position
f = 1 kHz
VO
−−
2mV
DC output offset voltage
(between pins 4 to 6 and 7 to 9)
|
∆V
O|
−−
150
mV
Stand-by condition
Vsb
0
2V
DC current in
VII < 0.5 V
Isb
−−
100
µA
stand-by condition
0.5 V
≤ V
II < 2 V
Isb
−−
500
µA
Switch-on current
Isw
25
60
µA
Supply current
short-circuit
to GND
note 3
IP
5.5
mA


Similar Part No. - TDA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Similar Description - TDA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com