Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1555 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1555
Description  4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1555 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1555 Datasheet HTML 3Page - NXP Semiconductors TDA1555 Datasheet HTML 4Page - NXP Semiconductors TDA1555 Datasheet HTML 5Page - NXP Semiconductors TDA1555 Datasheet HTML 6Page - NXP Semiconductors TDA1555 Datasheet HTML 7Page - NXP Semiconductors TDA1555 Datasheet HTML 8Page - NXP Semiconductors TDA1555 Datasheet HTML 9Page - NXP Semiconductors TDA1555 Datasheet HTML 10Page - NXP Semiconductors TDA1555 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
May 1992
11
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier with distortion detector
TDA1555Q
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - TDA1555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Similar Description - TDA1555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1556Q PHILIPS-TDA1556Q Datasheet
64Kb / 10P
   2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com