Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TDA1562Q Datasheet(HTML) 10 Page - NXP Semiconductors

Part No. TDA1562Q
Description  70 W high efficiency power amplifier with diagnostic facility
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA1562Q Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1562Q Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 20 page
background image
1998 Apr 07
10
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q
PIN STAT AS OUTPUT
Ist(mute)
mute acknowledge sink current
2.2
−−
mA
Vst(mute)
mute acknowledge output voltage
Ist = 2.2 mA
−−
0.5
V
Ist(clB)
class B operation output current
15
−−
µA
Vst(clB)
class B operation output voltage
IIst =15 µAI
2.0
3.0
V
Ist(clH)
class H operation source current
−140
−−
µA
Vst(clH)
class H operation output voltage
Ist = −140 µAVP − 2.5 −−
V
Tc(th)
threshold case temperature sensor
120
−°C
Diagnostic output DIAG (pin 8)
VDIAG
output voltage
active LOW
−−
0.6
V
RL
load resistance for open load
detection
100
−−
Tj(th)
threshold junction temperature
sensor
145
−°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn