Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T419C105K020CH4251 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T419C105K020CH4251
Description  Tantalum Surface Mount Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T419C105K020CH4251 Datasheet(HTML) 1 Page - Kemet Corporation

  T419C105K020CH4251 Datasheet HTML 1Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 2Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 3Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 4Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 5Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 6Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 7Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 8Page - Kemet Corporation T419C105K020CH4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Product Bulletin
DIMENSIONS – MILLIMETERS (INCHES)
KEMET
Size
Code
L
Length
± .38 (.015)
W
Width
± 0.38 (.015)
H
Height
± 0.38 (.015)
P
+0.25 (.010)
- 0.13 (.005)
W2
H2
Minimum
A
2.54 (.100)
1.27 (.050)
1.27 (.050
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
B
3.81 (.150)
1.27 (.050)
1.27 (.050)
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
C
5.08 (.200)
1.27 (.050)
1.27 (.050)
0.76 (.030)
1.27 ± 0.13 (.050 ± .005)
0.76 (.030)
D
3.81 (.150)
2.54 (.100)
1.27 (.050)
0.76 (.030)
2.41 + .13, -.25 (.095 + .005, -.010)
0.76 (.030)
E
5.08 (.200)
2.54 (.100)
1.27 (.050)
0.76 (.030)
2.41 + .13, -.25 (.095 + .005, -.010)
0.76 (.030)
F
5.59 (.220)
3.43 (.135)
1.78 (.070)
0.76 (.030)
3.30 ± 0.13 (.130 ± .005)
1.02 (.040)
G
6.73 (.265)
2.79 (.110)
2.79 (.110)
1.27 (.050)
2.67 ± 0.13 (.105 ± .005)
1.52 (.060)
H
7.24 (.285)
3.81 (.150)
2.79 (.110)
1.27 (.050)
3.68 + 0.13, -0.51 (.145 + .005 - .020)
1.52 (.060)
X
6.93 (.273)
5.41 (.213)
2.74 (.108)
1.19 (.047)
3.05 ± 0.13 (.120 ± .005)
1.22 (.048)
OUTLINE DRAWING
F-9083B 01/07
T409/T419/T429 Series - MIL-PRF-55365/4 & /11
Tantalum Surface Mount Capacitor
FEATURES
Established Reliability Military Version of T497 Series
High Grade COTS
Capacitance Values and Voltages as shown in following
part number table.
Qualified to MIL-PRF-55365/4 & 11, Style CWR09,
CWR19, CWR29
Termination Options: B (Gold Plated), C (Hot Solder
Dipped), H (Solder Plated), K (Solder Fused
100% Surge Current Test available for all sizes
Precision-molded, Laser-marked Case
Operating Temperature -55°C to +125°C
Offered in Nine Case Sizes (A - X)
Weibull Failure Rate Codes, B, C, D# 50V Not Qualified Tape & Reeled per EIA 481-1
COMPONENT MARKING
105
20K
620
Polarity
Indicator (+)
(Solid Stripe)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“620” = 20th Week of 2006
J
High
Capacitance
Ultra-low ESR
Device
COMPONENT WEIGHT
Case
Size
Avg. Weight
(gm)
Case
Size
Avg. Weight
(gm)
A
0.016
F
0.153
B
0.024
G
0.235
C
0.034
H
0.365
D
0.050
X
0.406
E
0.072


Similar Part No. - T419C105K020CH4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results

Similar Description - T419C105K020CH4251

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTP NIC-NTP Datasheet
147Kb / 7P
   Surface Mount Polymer-Tantalum Capacitor
logo
Kemet Corporation
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
NTE Electronics
SCTA104K35 NTE-SCTA104K35 Datasheet
15Kb / 1P
   SURFACE MOUNT TANTALUM
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com