Electronic Components Datasheet Search |
|
APTGF75H120TG Datasheet(PDF) 3 Page - Microsemi Corporation |
|
APTGF75H120TG Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 5 page APTGF75H120TG www.microsemi.com 3 - 5 Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information). Symbol Characteristic Min Typ Max Unit R25 Resistance @ 25°C 50 k Ω B 25/85 T25 = 298.15 K 3952 K − = T T B R R T 1 1 exp 25 85 / 25 25 Thermal and package characteristics Symbol Characteristic Min Typ Max Unit IGBT 0.25 RthJC Junction to Case Thermal Resistance Diode 0.6 °C/W VISOL RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz 2500 V TJ Operating junction temperature range -40 150 TSTG Storage Temperature Range -40 125 TC Operating Case Temperature -40 100 °C Torque Mounting torque To heatsink M5 2.5 4.7 N.m Wt Package Weight 160 g SP4 Package outline (dimensions in mm) ALL DIMENSIONS MARKED " * " ARE T OLERENCED AS : See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com T: Thermistor temperature RT: Thermistor value at T |
Similar Part No. - APTGF75H120TG |
|
Similar Description - APTGF75H120TG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |