Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF75H120TG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF75H120TG
Description  Full - Bridge NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF75H120TG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF75H120TG Datasheet HTML 1Page - Microsemi Corporation APTGF75H120TG Datasheet HTML 2Page - Microsemi Corporation APTGF75H120TG Datasheet HTML 3Page - Microsemi Corporation APTGF75H120TG Datasheet HTML 4Page - Microsemi Corporation APTGF75H120TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF75H120TG
www.microsemi.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
100
IC
Continuous Collector Current
Tc = 80°C
75
ICM
Pulsed Collector Current
Tc = 25°C
150
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
500
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
150A @ 1200V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
VBUS
OUT1
OUT2
Q3
Q4
E3
G3
0/VBUS
E4
G4
NTC2
G2
E2
NTC1
Q2
Q1
G1
E1
OUT1
OUT2
NTC1
NTC2
G3
E3
VBUS
G1
E1
G4
G2
E2
0/VBUS
E4
VCES = 1200V
IC = 75A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Easy paralleling due to positive TC of VCEsat
Low profile
RoHS compliant
Full - Bridge
NPT IGBT Power Module


Similar Part No. - APTGF75H120TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF75H120TG ADPOW-APTGF75H120TG Datasheet
283Kb / 5P
   Full - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75H120TG MICROSEMI-APTGF75H120TG Datasheet
196Kb / 5P
   Full - Bridge NPT IGBT Power Module
APTGF75H120TG MICROSEMI-APTGF75H120TG_10 Datasheet
196Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF75H120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF25H120T3G MICROSEMI-APTGF25H120T3G Datasheet
291Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF50H60T1G MICROSEMI-APTGF50H60T1G Datasheet
321Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF90H60T3G MICROSEMI-APTGF90H60T3G Datasheet
246Kb / 7P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF180H60 ADPOW-APTGF180H60 Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF25H120T3 ADPOW-APTGF25H120T3 Datasheet
320Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF30H60T3 ADPOW-APTGF30H60T3 Datasheet
322Kb / 6P
   Full - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50H60T3G MICROSEMI-APTGF50H60T3G Datasheet
294Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120G MICROSEMI-APTGF150H120G Datasheet
250Kb / 5P
   Full - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50H60T3G ADPOW-APTGF50H60T3G Datasheet
319Kb / 6P
   Full - Bridge NPT IGBT Power Module
APTGF150H120 ADPOW-APTGF150H120 Datasheet
301Kb / 5P
   Full - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com