Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF90A60TG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGF90A60TG
Description  Phase leg NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF90A60TG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGF90A60TG Datasheet HTML 1Page - Microsemi Corporation APTGF90A60TG Datasheet HTML 2Page - Microsemi Corporation APTGF90A60TG Datasheet HTML 3Page - Microsemi Corporation APTGF90A60TG Datasheet HTML 4Page - Microsemi Corporation APTGF90A60TG Datasheet HTML 5Page - Microsemi Corporation APTGF90A60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTGF90A60TG
www.microsemi.com
4 - 6
Typical Performance Curve
Output characteristics (VGE=15V)
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
012
34
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Output Characteristics (VGE=10V)
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
01
234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
TJ=-55°C
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
012
345
6789
10
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Ic=180A
Ic=90A
Ic=45A
0
1
2
3
4
5
6
7
8
6
8
10
12
14
16
VGE, Gate to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt.
TJ = 25°C
250µs Pulse Test
< 0.5% Duty cycle
Ic=180A
Ic=90A
Ic=45A
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
TJ, Junction Temperature (°C)
On state Voltage vs Junction Temperature
250µs Pulse Test
< 0.5% Duty cycle
VGE = 15V
0.70
0.80
0.90
1.00
1.10
1.20
-50
-25
0
25
50
75
100 125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Junction Temp.
0
20
40
60
80
100
120
140
-50 -25
0
255075 100 125 150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature
Gate Charge
VCE=120V
VCE=300V
VCE=480V
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
Gate Charge (nC)
IC = 90A
TJ = 25°C


Similar Part No. - APTGF90A60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90A60T ADPOW-APTGF90A60T Datasheet
297Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90A60T1G MICROSEMI-APTGF90A60T1G Datasheet
319Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF90A60T3AG MICROSEMI-APTGF90A60T3AG Datasheet
204Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
More results

Similar Description - APTGF90A60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15A120T1G MICROSEMI-APTGF15A120T1G Datasheet
321Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com