Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6615220LFTR3 Datasheet(PDF) 1 Page - Bi technologies

Part # HM6615220LFTR3
Description  Miniature Low Profile, Shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM6615220LFTR3 Datasheet(HTML) 1 Page - Bi technologies

  HM6615220LFTR3 Datasheet HTML 1Page - Bi technologies HM6615220LFTR3 Datasheet HTML 2Page - Bi technologies HM6615220LFTR3 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
48
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
80°C
• Temperature Rise, Maximum
40°C
• Insulation System
Class B, 130°C

Electrical / Environmental
Miniature Low Profile, Shielded
Surface Mount Inductors
RoHS
Compliant
HM66-101R5LF
1.5
0.055
1.55
1
HM66-102R2LF
2.2
0.072
1.20
1
HM66-103R3LF
3.3
0.085
1.10
1
HM66-104R7LF
4.7
0.105
0.90
1
HM66-106R8LF
6.8
0.170
0.73
1
HM66-10100LF
10
0.210
0.55
1
HM66-10150LF
15
0.295
0.45
1
HM66-10220LF
22
0.430
0.40
1
HM66-10330LF
33
0.675
0.32
1
HM66-151R5LF
1.5
0.055
1.55
2
HM66-152R2LF
2.2
0.072
1.20
2
HM66-153R3LF
3.3
0.085
1.10
2
HM66-154R7LF
4.7
0.105
0.90
2
HM66-156R8LF
6.8
0.170
0.73
2
HM66-15100LF
10
0.210
0.55
2
HM66-15150LF
15
0.295
0.45
2
HM66-15220LF
22
0.430
0.40
2
HM66-15330LF
33
0.675
0.32
2
HM66-201R0LF
1.0
0.045
1.72
2
HM66-202R2LF
2.2
0.075
1.32
2
HM66-202R7LF
2.7
0.105
1.28
2
HM66-203R3LF
3.3
0.110
1.04
2
HM66-203R9LF
3.9
0.155
0.88
2
HM66-204R7LF
4.7
0.162
0.84
2
HM66-205R6LF
5.6
0.170
0.80
2
HM66-206R8LF
6.8
0.200
0.76
2
HM66-208R2LF
8.2
0.245
0.68
2
HM66-20100LF
10
0.200
0.61
2
HM66-20120LF
12
0.210
0.56
2
HM66-20150LF
15
0.240
0.50
2
HM66-20180LF
18
0.338
0.48
2
HM66-20220LF
22
0.397
0.41
2
HM66-20270LF
27
0.441
0.35
2
HM66-20330LF
33
0.694
0.32
2
HM66-20390LF
39
0.709
0.30
2
HM66-301R2LF
1.2
0.0236
2.56
2
HM66-301R8LF
1.8
0.0275
2.20
2
HM66-302R2LF
2.2
0.0313
2.04
2
HM66-302R7LF
2.7
0.0433
1.60
2
HM66-303R3LF
3.3
0.0492
1.57
2
HM66-303R9LF
3.9
0.0648
1.44
2
HM66-304R7LF
4.7
0.0720
1.32
2
HM66-305R6LF
5.6
0.1009
1.17
2
HM66-306R8LF
6.8
0.1089
1.12
2
HM66-308R2LF
8.2
0.1175
1.04
2
HM66-30100LF
10
0.1283
1.00
2
HM66-30120LF
12
0.1316
0.84
2
HM66-30150LF
15
0.1490
0.76
2
Specifications @ 25°C
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH
±20%
Ω Max.
Amps
Figure
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
HM66-30180LF
18
0.1660
0.72
2
HM66-30220LF
22
0.2350
0.70
2
HM66-30270LF
27
0.2610
0.58
2
HM66-30330LF
33
0.3780
0.56
2
HM66-30390LF
39
0.3837
0.50
2
HM66-30470LF
47
0.5870
0.48
2
HM66-30560LF
56
0.6245
0.41
2
HM66-30680LF
68
0.6990
0.35
2
HM66-30820LF
82
0.9148
0.32
2
HM66-30101LF
100
1.020
0.29
2
HM66-30121LF
120
1.270
0.27
2
HM66-30151LF
150
1.350
0.24
2
HM66-30181LF
180
1.540
0.22
2
HM66-404R1LF
4.1
0.057
1.95
2
HM66-405R4LF
5.4
0.076
1.60
2
HM66-406R2LF
6.2
0.096
1.40
2
HM66-408R9LF
8.9
0.116
1.25
2
HM66-40100LF
10
0.124
1.20
2
HM66-40120LF
12
0.153
1.10
2
HM66-40150LF
15
0.196
0.97
2
HM66-40180LF
18
0.210
0.85
2
HM66-40220LF
22
0.290
0.80
2
HM66-40270LF
27
0.330
0.75
2
HM66-40330LF
33
0.386
0.65
2
HM66-40390LF
39
0.520
0.57
2
HM66-40470LF
47
0.595
0.54
2
HM66-40560LF
56
0.665
0.50
2
HM66-40680LF
68
0.840
0.43
2
HM66-40820LF
82
0.978
0.41
2
HM66-40101LF
100
1.200
0.36
2
HM66-502R5LF
2.5
0.018
2.60
2
HM66-503R0LF
3.0
0.024
2.40
2
HM66-504R2LF
4.2
0.031
2.20
2
HM66-505R3LF
5.3
0.038
1.90
2
HM66-506R2LF
6.2
0.045
1.80
2
HM66-508R2LF
8.2
0.053
1.60
2
HM66-50100LF
10
0.065
1.30
2
HM66-50120LF
12
0.076
1.20
2
HM66-50150LF
15
0.103
1.10
2
HM66-50180LF
18
0.110
1.00
2
HM66-50220LF
22
0.122
0.90
2
HM66-50270LF
27
0.175
0.85
2
HM66-50330LF
33
0.189
0.75
2
HM66-50390LF
39
0.212
0.70
2
HM66-50470LF
47
0.260
0.62
2
HM66-50560LF
56
0.305
0.58
2
HM66-50680LF
68
0.355
0.52
2
HM66-50820LF
82
0.463
0.46
2


Similar Part No. - HM6615220LFTR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM6615100 ETC-HM6615100 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results

Similar Description - HM6615220LFTR3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
logo
List of Unclassifed Man...
G72 ETC1-G72 Datasheet
47Kb / 2P
   Sub-miniature, low profile
logo
Advanced Crystal Techno...
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
   miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
   miniature, low profile SMD
26/10/05
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
   miniature, low profile SMD
2/11/05
logo
Cooper Bussmann, Inc.
SD3814-331-R COOPER-SD3814-331-R Datasheet
159Kb / 3P
   Low Profile, Shielded Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com