Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI0512WSN Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI0512WSN
Description  50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI0512WSN Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI0512WSN Datasheet HTML 1Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 2Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 3Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 4Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 5Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 6Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 7Page - AMI SEMICONDUCTOR PI0512WSN Datasheet HTML 8Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PI0128WSN, PI0256WSN, PI0512WSN
50-mm-Pitch Wide Aperture Spectroscopic Photodiode Arrays
Engineering Data Sheet
Page 1 of 8
Revised March 21, 2002
Description
Peripheral Imaging Corporation's WSN series is family
of self-scanning photodiode solid-state linear imaging
arrays.
These photodiode sensors employ PIC’s
proprietary CMOS Image Sensing Technology to
integrate the sensors into a single monolithic chip.
These sensors are optimally designed for applications
in spectroscopy. Accordingly, these sensors contain a
linear array of photodiodes with an optimized geomet-
rical aspect ratio (50-mm aperture pitch x 2500-mm
aperture width) for helping to maintain mechanical
stability in spectroscopic instruments and for providing
a large light-capturing ability. The family of sensors
consists of photodiode arrays of various lengths, 128,
256, and 512 pixels.
The WSN photodiode arrays are mounted in 22-pin
ceramic side-brazed dual-in-line packages that fit in
standard DIP sockets. A diagram of its pinout configu-
ration is seen in Figure 1.
Features
·
65-pC saturation capacity for wide dynamic range.
·
Wide spectral response (180 – 1000 nm) for UV
and IR response.
·
NP junction photodiodes with superior resistance
to UV damage.
·
Low dark current.
·
Integration time up to 9 seconds at room tempera-
ture.
·
Integration time extended to hours by cooling.
·
High linearity.
·
Low power dissipation (less than 1 mW).
·
Geometrical structure for enhanced stability and
registration.
·
Standard 22-lead dual-in-line IC package.
Figure 1. Pinout configuration.
Sensor Characteristics
The Peripheral Imaging Corporation's self-scanned
WSN photodiodes are spaced on a 50-mm pitch. The
line density is 20 diodes/mm and accordingly the
overall die lengths of the different arrays vary with the
number of photodiodes. For example, the 128-pixel
array is 6.4-mm long, the 256-pixel array is 12.8-mm
long, and the 512-pixel array is 25.6-mm long. Each
array has four additional dummy photodiodes. On each
side, there are one dark (non-imaging) dummy photo-
diode and one imaging dummy photodiode. The height
of the sensors is 2500 mm. The tall, narrow apertures
make these sensors desirable for use in monochro-
mators and spectrographs.
Peripheral
Imaging
Corporation


Similar Part No. - PI0512WSN

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
More results

Similar Description - PI0512WSN

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-732128 AMI-AMIS-732128 Datasheet
232Kb / 9P
   50關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0000HSN AMI-PI0000HSN Datasheet
1Mb / 8P
   25-關m-Pitch Wide Aperture Spectroscopic Photodiode Arrays
AMIS-734256 AMI-AMIS-734256 Datasheet
243Kb / 9P
   25關m-pitch Wide Aperture Spectroscopic Photodiode Arrays
PI0512WS AMI-PI0512WS Datasheet
2Mb / 8P
   512-Pixel 50-mm-Pitch Wide Aperture Spectroscopic Photodiode Array
logo
Hamamatsu Corporation
S4111 HAMAMATSU-S4111_15 Datasheet
295Kb / 6P
   Si photodiode arrays
G7150-16 HAMAMATSU-G7150-16_15 Datasheet
627Kb / 5P
   InGaAs PIN photodiode arrays
G12430-016D HAMAMATSU-G12430-016D Datasheet
169Kb / 7P
   InGaAs PIN photodiode arrays
G12430 HAMAMATSU-G12430_15 Datasheet
686Kb / 7P
   InGaAs PIN photodiode arrays
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
   16-element Si photodiode arrays
S11212 HAMAMATSU-S11212_15 Datasheet
623Kb / 8P
   16-element Si photodiode arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com