Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI201M-A4 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI201M-A4
Description  200DPI CIS Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI201M-A4 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI201M-A4 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI201M-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI201M-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI201M-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI201M-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI201M-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(5) Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the nonuniformity percentage pixel to pixel
(6) Ud = Vdmax - Vdmin
Vdmin is the minimum output on a black document(O.D.=0.8)
Vdmax: maximum output voltage of black document (O.D.= 0.8)
(7) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]
Vmax: maximum output voltage at 4.0 lp/mm
Vmin: minimum output voltage at 4.0 lp/mm
(8) lp / mm: line pair per mm
(9) O.D. Optical Density
Switching Characteristics (25
0C)
Note: See timing symbol definitions in the following table.
Symbol Definitions for the Above Timing Diagram
Item
Symbol
Min.
Typical
Max.
Units
Clock cycle time
to
1.0
4.0
µs
Clock pulse width
tw
250
ns
Clock duty cycle
25
75
%
Prohibit crossing time of
Start Pulse
tprh
15
ns
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
Signal delay time
tdl
50
ns
Signal settling time
tsh
350
ns
MODULE TIMING DIAGRAM
CP
SP
Vout
tdl
tds
to
tw
tdh
tprh
tsh
PAGE 4 OF 6 PI201M-A4, 7/17/99


Similar Part No. - PI201M-A4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-00-QEIG VICOR-PI2001-00-QEIG Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-00-SOIG VICOR-PI2001-00-SOIG Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2001-EVAL1 VICOR-PI2001-EVAL1 Datasheet
659Kb / 11P
   PI2001-EVAL1 Active ORing
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
More results

Similar Description - PI201M-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI227 AMI-PI227 Datasheet
648Kb / 10P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
   200DPI CIS Sensor
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
   200DPI CIS Sensor Chip
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com