Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI310MC-DR Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI310MC-DR
Description  300DPI CIS Two Level Digital Output Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI310MC-DR Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI310MC-DR Datasheet HTML 2Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 3Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 4Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 5Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 6Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 7Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 8Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 9Page - AMI SEMICONDUCTOR PI310MC-DR Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Peripheral imaging Corporation
Page 9 of 10 PI310MC-DR Description, 7/30/99
Offset adjust, R18, is a screw driver adjustment potentiometer that is accessed through
adjustment hole as viewed in figure 5.
Gain adjust, R16, is a screw driver adjustment potentiometer that is accessed through the
hole as it is viewed in figure 5.
There are only two adjustments:
These adjustments will be pre-set to the customer’s specific application at the factory,
therefore, in general will not require trimming by the user. Test point TV is probed with
a scope to monitor the analog image pixel levels. The probe should be grounded as close
to the CIS module as possible. If possibly right on the ground input lead, pin 5, of the I/O
connector.
Analog Zero signal adjust (OFFSET ADJ) as it is shown in Figure 5. This pot is adjusted to
place the dark level of the analog image pixel signal to approximately –0.9 to –0.7 Volts.
Normally adjusted with intended targets.
Analog Gain adjust, “GAIN”, is adjusted greater than 2.0 and less then 3.5 Volts with the
CIS imaged on a standard white target similar to the standard white copy or typing paper.


Similar Part No. - PI310MC-DR

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101 VICOR-PI3101 Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
More results

Similar Description - PI310MC-DR

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
   300DPI CIS Two Level Digital Output Module
AMIS-710330 AMI-AMIS-710330 Datasheet
292Kb / 9P
   300dpi CIS Two-Level Digital Output Module
PI331MC-DR AMI-PI331MC-DR Datasheet
630Kb / 9P
   300DPI CIS Two Level Digital Output Module
AMIS-710310 AMI-AMIS-710310 Datasheet
293Kb / 10P
   300dpi Two-Level Digital Output Module
PI214MC-DR AMI-PI214MC-DR Datasheet
603Kb / 8P
   200DPI CIS Two Level Digital Output Module
PI216MC-DR AMI-PI216MC-DR Datasheet
625Kb / 9P
   200DPI CIS Two Level Digital Output Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
   300DPI CIS Module
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
   300DPI CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
   300dpi CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
   300DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com