Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1581T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1581T
Description  Decoder for traffic warning VWF radio transmissions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1581T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1581T Datasheet HTML 2Page - NXP Semiconductors TDA1581T Datasheet HTML 3Page - NXP Semiconductors TDA1581T Datasheet HTML 4Page - NXP Semiconductors TDA1581T Datasheet HTML 5Page - NXP Semiconductors TDA1581T Datasheet HTML 6Page - NXP Semiconductors TDA1581T Datasheet HTML 7Page - NXP Semiconductors TDA1581T Datasheet HTML 8Page - NXP Semiconductors TDA1581T Datasheet HTML 9Page - NXP Semiconductors TDA1581T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
March 1992
6
Philips Semiconductors
Preliminary specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1581T
Note
1. selectable by R14-8 or Z12-8.
DK circuit
V17DKon
switch-on threshold level
pin 2 high-Z
600
670
750
mV
switch hysteresis
3.1
3.6
4.1
dB
V18-20off
DK switch threshold level for DK-off
(Schmitt trigger output)
(typ. value = 1
× VBE)
pin 2 conducting
0.6
V
DK output (pin 2)
I2
permitted load current
−−
0.5
mA
V2-20sat
saturation voltage
I2 = 1.5 mA
−−
0.35
V
V2-20
rejection voltage
I2 <5 µA18
−−
V
BK and DK filter amplifiers
Go
open loop gain
f = 100 Hz
84
−−
dB
Gi
current gain
120
−−
dB
Ii
input bias current
−−±50
nA
Vo5-8
output offset voltage
R5-6 = R16-17 = 680 kΩ−
±50
mV
V17-8
Io
available output current
±1
−−
mA
Ro
output resistance
2
3.5
k
CL
permitted load capacitance
−−
50
pF
Internal reference voltage
V8-20
output voltage (typ. value = 0.5VP)
4.0
4.25
4.5
V
R8
internal resistance of voltage source
−−
5
I8-20
available output current
−2
−−
mA
I20-8
0.6
−−
mA
I8sc
output short-circuit current
(typ. value = VP /1 kΩ)
−−8
mA
Reference current source
V19-20
reference voltage
(typ. value = V8-20 − VBE)
3.6
V
Ri19
internal biasing resistor
5
k
R19-20
permitted range of external
reference resistor
180
270
k
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
17DKon
V
17DKoff
----------------------


Similar Part No. - TDA1581T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
More results

Similar Description - TDA1581T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1579 PHILIPS-TDA1579 Datasheet
137Kb / 13P
   Decoder for traffic warning VWF radio transmissions
May 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com