Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1581 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1581
Description  Decoder for traffic warning VWF radio transmissions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1581 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1581 Datasheet HTML 1Page - NXP Semiconductors TDA1581 Datasheet HTML 2Page - NXP Semiconductors TDA1581 Datasheet HTML 3Page - NXP Semiconductors TDA1581 Datasheet HTML 4Page - NXP Semiconductors TDA1581 Datasheet HTML 5Page - NXP Semiconductors TDA1581 Datasheet HTML 6Page - NXP Semiconductors TDA1581 Datasheet HTML 7Page - NXP Semiconductors TDA1581 Datasheet HTML 8Page - NXP Semiconductors TDA1581 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
March 1992
5
Philips Semiconductors
Preliminary specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1581T
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC134).
CHARACTERISTICS
Vp = 8.5 V; Tamb = +25 °C; measured at nominal input signal: ViSK = 8 mV, f = 57 kHz amplitude modulated with
fm = 34.95 Hz and m = 60% for ‘BK-traffic area C’ signal; or with fm = 125 Hz and m = 30% for DK signal.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP = V7-20
supply voltage
pin 7
−−
15
V
V2; 3-20
switch output voltage
pins 2 or 3
−0.5
15
V
I2; 3
switch output current
pins 2 or 3
−10
5mA
V15-20
signal input voltage
pin 15
−0.5
VP
V
I15
signal input current
pin 15
−−−10
mA
Ptot
total power dissipation
−−
800
mW
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
−30
+80
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
pin 7
7.5
10
V
IP
supply current
pin 7
615
mA
SK amplifier/decoder
Zi
input impedance
f
≤ 57 kHz
60
−−
k
Vi(p-p)
input voltage (peak-to-peak value)
2
−−
V
ViSK
input voltage at start of gain control
Vo9BK = −3 dB
2.4(1)
mV
Gv9-15
voltage gain
V9BK / V15SK
44(1)
dB
∆Gv9-15
gain spread
−−±2dB
∆Gv
gain control range
40
−−
dB
Vo9BK
controlled output voltage
440
mV
Vo9DK
220
mV
BK circuit
Vo5BKon
switch-on threshold level
pin 3 high-Z
600
670
750
mV
switch hysteresis
3
3.5
4
dB
V4-20off
BK switch threshold level for BK-off
(SK-off) (typ. value = 0.21V8-20)
pin 3 conducting
0.8
0.88
0.97
V
SK output (pin 3)
I3
permitted load current
−−
0.5
mA
V3-20sat
saturation voltage
I3 = 1.5 mA
−−
0.35
V
V3-20
rejection voltage
I3 <5 µA18
−−
V
V
o5BKon
V
o5BKoff
----------------------


Similar Part No. - TDA1581

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
More results

Similar Description - TDA1581

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1579 PHILIPS-TDA1579 Datasheet
137Kb / 13P
   Decoder for traffic warning VWF radio transmissions
May 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com