Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1593T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1593T
Description  IF amplifier/demodulator for FM car radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1593T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1593T Datasheet HTML 7Page - NXP Semiconductors TDA1593T Datasheet HTML 8Page - NXP Semiconductors TDA1593T Datasheet HTML 9Page - NXP Semiconductors TDA1593T Datasheet HTML 10Page - NXP Semiconductors TDA1593T Datasheet HTML 11Page - NXP Semiconductors TDA1593T Datasheet HTML 12Page - NXP Semiconductors TDA1593T Datasheet HTML 13Page - NXP Semiconductors TDA1593T Datasheet HTML 14Page - NXP Semiconductors TDA1593T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1996 Oct 10
11
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM car radio receivers
TDA1593
0
10−6
10−5
10−4
10−3
10−2
10−1
1
MBE519
−20
−40
−60
−80
−100
Vi20 (rms) (V)
V4
(dB)
(1)
(2)
Fig.5
Audio signal and noise as functions of the input signal ViIF (pin 20) with ∆f= ±22.5 kHz; fm = 1 kHz;
de-emphasis 50
µs.
(1) Audio signal.
(2) Noise.
Fig.6
Typical AM suppression as a function of the input signal ViIF (pin 20) with ∆f= ±22.5 kHz; fm = 1 kHz;
AM with fm = 400 Hz; m = 0.3 and 250 to 15000 Hz bandwidth.
0
10−6
10−5
10−4
10−3
10−2
10−1
1
MBE520
−20
−40
−60
−80
−100
Vi20 (rms) (V)
V4
(dB)
(1)
(2)
(1) Audio signal.
(2) Spurious AM signal.


Similar Part No. - TDA1593T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1592T PHILIPS-TDA1592T Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Similar Description - TDA1593T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com