Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT50DDA120T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGT50DDA120T3G
Description  Dual Boost chopper Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT50DDA120T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGT50DDA120T3G Datasheet HTML 1Page - Microsemi Corporation APTGT50DDA120T3G Datasheet HTML 2Page - Microsemi Corporation APTGT50DDA120T3G Datasheet HTML 3Page - Microsemi Corporation APTGT50DDA120T3G Datasheet HTML 4Page - Microsemi Corporation APTGT50DDA120T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT50DDA120T3G
2 - 5
www.microsemi.com
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
500
µA
Tj = 25°C
1.4
1.7
2.1
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 50A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 2mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3600
Crss
Reverse Transfer Capacitance
VGE = 0V,VCE = 25V
f = 1MHz
160
pF
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
70
ns
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
90
ns
Eon
Turn-on Switching Energy
Tj = 125°C
5
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 50A
RG = 18Ω
Tj = 125°C
5.5
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 70°C
60
A
IF = 60A
2
2.5
IF = 120A
2.3
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.8
V
Tj = 25°C
400
trr
Reverse Recovery Time
Tj = 125°C
470
ns
Tj = 25°C
1200
Qrr
Reverse Recovery Charge
IF = 60A
VR = 800V
di/dt =200A/µs
Tj = 125°C
4000
nC
Er
Reverse Recovery Energy
IF = 60A
VR = 800V
di/dt =1000A/µs
Tj = 125°C
2.2
mJ


Similar Part No. - APTGT50DDA120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50DDA120T3 ADPOW-APTGT50DDA120T3 Datasheet
290Kb / 5P
   Dual Boost chopper Trench IGBT Power Module
More results

Similar Description - APTGT50DDA120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150DA120G MICROSEMI-APTGT150DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50DA120TG ADPOW-APTGT50DA120TG Datasheet
257Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200DA120G MICROSEMI-APTGT200DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
APTGT100DA120TG MICROSEMI-APTGT100DA120TG Datasheet
256Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
APTGT75DA120TG MICROSEMI-APTGT75DA120TG Datasheet
257Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300DA120G ADPOW-APTGT300DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400DA120G MICROSEMI-APTGT400DA120G Datasheet
245Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
APTGT20DDA60T3G MICROSEMI-APTGT20DDA60T3G Datasheet
263Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100DDA60T3 ADPOW-APTGT100DDA60T3 Datasheet
286Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT Power Module
APTGT50DDA60T3 ADPOW-APTGT50DDA60T3 Datasheet
287Kb / 5P
   Dual Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com