Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2P880 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # X2P880
Description  0.15關m Structured ASIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

X2P880 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  X2P880 Datasheet HTML 1Page - AMI SEMICONDUCTOR X2P880 Datasheet HTML 2Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMI Semiconductor
XPressArray®-II 0.15μm Structured ASIC
Product Description
• Next-generation 0.15µm structured ASIC platform for high-
performance 1.5V ASICs and FPGA-to-ASIC conversions
• NRE and production cost savings
• Significant time-to-market advantages
• Drop-in replacement for cost-reducing Xilinx® Virtex™-II
and Virtex-II Pro and Altera® APEX-II and Stratix designs
• 511K to 4.8M ASIC gates
• 210MHz system, 500MHz local clock speeds
• Low power consumption
· 0.055µW/MHz/gate @ 1.575V
• 258Kbits to 4.8Mbits of block RAM memory
• 18Kbit initializable dual-port RAM blocks at speeds up
to 330MHz
• Up to 6.1Mbits of memory when 50 percent of the logic
sites are used for distributed memory
• Initializable distributed memory at speeds up to 210MHz
• Flexible I/O technology, any I/O standard assigned to any I/O pin
• Configurable signal, core and I/O power supply pin locations
• Supports LVTTL, LVCMOS, PCI33, PCI66, PCI-X 133, PCI-X 2.0, GTL/+, HSTL class 1, 2, 3, and 4, SSTL2 class 1 and 2,
LVPECL (input), and LVDS I/O standards
• 1.5V, 1.8V, 2.5V, and 3.3V capable I/O
• True 3.3V tolerance with no external resistor necessary
• Digital controlled impedance (DCI)
• Built-in dual data rate (DDR) support
• LVDS data rates to 1Gbps
• Up to 1360 user I/Os
• Comprehensive clock management circuitry
• Up to eight delay-locked loops (DLLs) and eight phase-locked loops (PLLs)
• Variety of package options
• Integrated high-fault coverage scan-test, memory BIST and JTAG
Key Features
Targeted at medium-density, high-speed, 1.5V ASIC
applications and high-density FPGA-to-ASIC conversions,
the XPressArray-II (XPA-II) 0.15µm structured ASIC is an
innovative next-generation technology platform that
reduces time-to-market for system-on-chip (SoC)
applications while delivering significant NRE and unit
cost savings.
XPA-II offers a true drop-in replacement for Xilinx
Virtex-II and Virtex-II Pro and Altera APEX-II and Stratix
FPGAs, making it the industry's lowest cost ASIC
conversion solution. The result is a simplified route to
cost reductions for OEMs looking to combine the
flexibility of FPGA prototyping with a path to ASICs for
final production.
Operating with system clock speeds up to 210MHz for
18x18 soft multipliers and local clocks up to 500MHz
and available in a variety of package options, XPA-II
0.15µm devices deliver high-performance, low power
ASIC solutions with densities to 4.8M ASIC gates.
Configurable memory ranges from 258Kbits to
4.8Mbits, which increases up to 6.1Mbits of memory
with the addition of distributed configurable memory,
assuming 50 percent of the logic sites are used for
memory.
Flexible
I/O
technology
includes
support
for
a
comprehensive array of common standards and
compatibility with 1.5V, 1.8V, 2.5V, and 3.3V I/O


Similar Part No. - X2P880

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
X2P846 AMI-X2P846 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
More results

Similar Description - X2P880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
   0.18um Structured ASIC
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
logo
OKI electronic componet...
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
   HCMOS STRUCTURED ARRAY
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
   ASIC
logo
Kemet Corporation
SSR21NV-M041500 KEMET-SSR21NV-M041500 Datasheet
103Kb / 1P
   KEMET, SSR21NV-M/NH-M, AC Line Filters, Common Mode, 0.15 H
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com