Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75A120TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT75A120TG
Description  Phase leg Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75A120TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT75A120TG Datasheet HTML 1Page - Microsemi Corporation APTGT75A120TG Datasheet HTML 2Page - Microsemi Corporation APTGT75A120TG Datasheet HTML 3Page - Microsemi Corporation APTGT75A120TG Datasheet HTML 4Page - Microsemi Corporation APTGT75A120TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT75A120TG
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
0
20406080
100
120
IC (A)
VCE=600V
D=50%
RG=4.7Ω
TJ=125°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT75A120TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75A120T ADPOW-APTGT75A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75A120T1G MICROSEMI-APTGT75A120T1G Datasheet
281Kb / 5P
   Phase leg Fast Trench Field Stop IGBT짰 Power Module
More results

Similar Description - APTGT75A120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100A120TG MICROSEMI-APTGT100A120TG Datasheet
257Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT200A120G MICROSEMI-APTGT200A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G_09 Datasheet
154Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300A120 ADPOW-APTGT300A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT50A120T ADPOW-APTGT50A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50A120TG MICROSEMI-APTGT50A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120TG MICROSEMI-APTGT150A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100A120T ADPOW-APTGT100A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT400A120 ADPOW-APTGT400A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com