Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75DA120TG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT75DA120TG
Description  Boost chopper Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75DA120TG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT75DA120TG Datasheet HTML 1Page - Microsemi Corporation APTGT75DA120TG Datasheet HTML 2Page - Microsemi Corporation APTGT75DA120TG Datasheet HTML 3Page - Microsemi Corporation APTGT75DA120TG Datasheet HTML 4Page - Microsemi Corporation APTGT75DA120TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT75DA120TG
www.microsemi.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
01
23
4
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=17V
VGE=9V
0
25
50
75
100
125
150
01
23
4
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
TJ=125°C
0
25
50
75
100
125
150
5678
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
Er
0
2
4
6
8
10
12
14
16
0
25
50
75
100
125
150
IC (A)
VCE = 600V
VGE = 15V
RG = 4.7Ω
TJ = 125°C
Eon
Eoff
Eoff
Er
0
2
4
6
8
10
12
14
16
0
4
8
12
16
20
24
28
32
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 75A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
25
50
75
100
125
150
175
0
400
800
1200
1600
VCE (V)
VGE=15V
TJ=125°C
RG=4.7Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APTGT75DA120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75DA120T1G MICROSEMI-APTGT75DA120T1G Datasheet
283Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT짰 Power Module
More results

Similar Description - APTGT75DA120TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150DA120G MICROSEMI-APTGT150DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50DA120TG ADPOW-APTGT50DA120TG Datasheet
257Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200DA120G MICROSEMI-APTGT200DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
APTGT100DA120TG MICROSEMI-APTGT100DA120TG Datasheet
256Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300DA120G ADPOW-APTGT300DA120G Datasheet
244Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400DA120G MICROSEMI-APTGT400DA120G Datasheet
245Kb / 5P
   Boost chopper Fast Trench Field Stop IGBT Power Module
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com