Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2545A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA2545A
Description  Quasi-split-sound circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2545A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA2545A Datasheet HTML 1Page - NXP Semiconductors TDA2545A Datasheet HTML 2Page - NXP Semiconductors TDA2545A Datasheet HTML 3Page - NXP Semiconductors TDA2545A Datasheet HTML 4Page - NXP Semiconductors TDA2545A Datasheet HTML 5Page - NXP Semiconductors TDA2545A Datasheet HTML 6Page - NXP Semiconductors TDA2545A Datasheet HTML 7Page - NXP Semiconductors TDA2545A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
February 1985
4
Philips Semiconductors
Product specification
Quasi-split-sound circuit
TDA2545A
CHARACTERISTICS
VP = V11-13 = 12 V; Tamb = 25 °C; measured at fVC = 38,9 MHz, fSC1 = 33,4 MHz, fSC2 = 33,158 MHz:
Vision carrier (V.C.) modulated with different video signals (see below); modulation depth 100% (proportional to 10%
residual carrier).
Vision carrier amplitude (r.m.s. value) is VVC = 10 mV.
Vision-to-sound carrier ratios are VC/SC1 = 13 dB and VC/SC2 = 20 dB.
Sound carriers (SC1, SC2) modulated with f = 1 kHz and deviation
∆f= ± 30 kHz.
For measuring circuit see Fig.2; unless otherwise specified.
Note
1. Incidental phase on the vision carrier, caused by TV transmitter, has to be less than 0,5 degrees for black to white
transient (equivalent to S
+W/W = 56 dB for 6 kHz sinewave).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 11)
Supply voltage
VP = V11-13
10,8
12
13,2
V
Supply current
IP = I11
33
45
55
mA
I.F. amplifier
Input voltage for start of gain control
(intercarrier signals
−3 dB)
VVC1-16(rms)
150
200
µV
Input voltage for end of gain control
(intercarrier signals
+ 1 dB)
VVC1-16(rms)
100
250
mV
I.F. gain control range
∆G
v
60
64
dB
Control voltage range (see Fig.3)
V3-13
4
Vp
V
Input resistance
R1-16
2,5
k
Input capacitance
C1-16
1,5
pF
Intercarrier generation
Output voltage; 5,5 MHz (r.m.s. value)
V12-13(rms)
60
100
140
mV
Output voltage; 5,742 MHz (r.m.s. value)
V12-13(rms)
27
45
63
mV
D.C. output voltage
V12-13
5,9
V
Allowable d.c. load resistance at the output
R12-13
7
−−
k
Allowable output current
−I12
−−
1mA
Intercarrier signal-to-noise (see note 1)
(measured behind the FM demodulators)
weighted according to CCIR 468-2, quasi-peak
a. 2T/20T pulses with white bars (see also Fig.4)
at 5,5 MHz
S
+W/W
53
58
dB
at 5,742 MHz
S
+W/W
51
56
dB
b. 6 kHz sinewave
at 5,5 MHz
S
+W/W
50
53
dB
at 5,742 MHz
S
+W/W
50
53
dB
c. black level (sync pulses only)
at 5,5 MHz
S
+W/W
60
65
dB
at 5,742 MHz
S
+W/W
58
63
dB


Similar Part No. - TDA2545A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2541 STMICROELECTRONICS-TDA2541 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
   IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results

Similar Description - TDA2545A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com