Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM72A10R68LFTR13 Datasheet(PDF) 1 Page - Bi technologies

Part # HM72A10R68LFTR13
Description  High Power High Performance Molded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM72A10R68LFTR13 Datasheet(HTML) 1 Page - Bi technologies

  HM72A10R68LFTR13 Datasheet HTML 1Page - Bi technologies HM72A10R68LFTR13 Datasheet HTML 2Page - Bi technologies HM72A10R68LFTR13 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
73
HM72A-06R20LF
0.16
0.20
0.24
21.2
41
2.30
3.00
3.0
1
HM72A-06R33LF
0.26
0.33
0.40
18.0
30
3.20
3.90
3.0
1
HM72A-06R47LF
0.38
0.47
0.56
16.1
26
4.00
4.20
3.0
1
HM72A-06R68LF
0.54
0.68
0.82
14.4
25
5.00
5.50
3.0
1
HM72A-06R82LF
0.66
0.82
0.98
12.0
24
7.20
8.00
3.0
1
HM72A-061R0LF
0.80
1.00
1.20
10.3
22
9.00
10.00
3.0
1
HM72A-061R5LF
1.20
1.50
1.80
8.4
18
14.50
15.00
3.0
1
HM72A-062R2LF
1.76
2.20
2.64
8.3
14
15.00
20.00
3.0
1
HM72A-063R3LF
2.64
3.30
3.96
6.6
13.5
24.00
26.00
3.0
1
HM72A-064R7LF
3.76
4.70
5.64
5.4
10
35.00
40.00
3.0
1
HM72A-066R8LF
5.44
6.80
8.16
4.1
8
62.00
68.00
3.0
1
HM72A-06100LF
8.00
10.00
12.00
3.2
7
100.00
105.00
3.0
1
HM72A-06220LF
17.6
22.0
26.4
2.2
4.5
219.00
241.00
3.0
1
HM72A-06330LF
26.4
33.0
39.6
1.8
3.5
302.00
332.00
3.0
1
HM72A-10R15LF
0.12
0.15
0.18
33.0
44
0.75
0.82
4.0
2
HM72A-10R24LF
0.19
0.24
0.29
35.0
38
0.65
0.72
4.0
2
HM72A-10R36LF
0.288
0.360
0.432
32.0
35
0.85
0.95
4.0
2
HM72A-10R47LF
0.38
0.47
0.56
27.0
32
1.10
1.20
4.0
2
HM72A-10R56LF
0.448
0.560
0.672
23.0
30
1.55
1.70
4.0
2
HM72A-101R0LF
0.80
1.00
1.20
18.0
21
2.56
2.75
4.0
2
HM72A-101R5LF
1.20
1.50
1.80
13.0
18
4.50
5.00
4.0
2
HM72A-101R8LF
1.44
1.80
2.16
13.0
15
4.50
5.00
4.0
2
HM72A-103R3LF
2.64
3.30
3.96
8.0
12
12.50
13.75
4.0
2
HM72A-104R7LF
3.76
4.70
5.64
7.6
10
13.80
15.20
4.0
2
HM72A-12R47LLF
0.38
0.47
0.56
31.0
55
1.30
1.43
3.5
2
HM72A-12R68LLF
0.54
0.68
0.82
27.0
49
1.80
2.00
3.5
2
HM72A-12R82LLF
0.66
0.82
0.98
22.0
44
2.40
3.00
3.5
2
HM72A-121R0LLF
0.80
1.00
1.20
19.0
42
3.40
3.60
3.5
2
HM72A-124R7LLF
3.76
4.70
5.64
10.0
24
14.00
15.00
3.5
2
HM72A-125R6LLF
4.48
5.60
6.72
8.0
19
22.50
24.75
3.5
2
HMA72-12R50LF
0.40
0.50
0.60
39.0
65
1.30
1.50
5.0
2
HMA72-12R56LF
0.45
0.56
0.67
34.0
55
1.30
1.50
5.0
2
HM72A-121R0LF
0.80
1.00
1.20
26.0
50
2.20
2.50
5.0
2
HM72A-121R5LF
1.20
1.50
1.80
20.0
48
3.60
4.10
5.0
2
HM72A-122R2LF
1.76
2.20
2.64
17.0
32
5.00
5.50
5.0
2
HM72A-121R0HLF
0.80
1.00
1.20
31.0
49
1.70
2.00
6.5
2
HM72A-122R2HLF
1.76
2.20
2.64
22.0
40
3.50
3.85
6.5
2
HM72A-123R3HLF
2.64
3.30
3.96
19.0
35
5.50
6.80
6.5
2
HM72A-124R7HLF
3.76
4.70
5.64
15.0
30
7.20
7.92
6.5
2
---------- Inductance, Lo ---------
@ 100 kHz, 0Adc
Heating
DC Resistance
Part
(µH)
Current(1)
Isat (2)
(mΩ)
Height C
Number
Min.
Typ.
Max.
(Adc)
(Adc)
Typ.
Max.
(mm)
Figure
• Operating Temperature Range
-40°C to +155°C
• Temperature Rise, Maximum
50°C

Electrical / Environmental
High Power High Performance Molded
Surface Mount Inductors
Specifications @ 25°C
RoHS
Compliant
Notes :
(1) The heating current is the DC current which causes the component temperature to increase by approximately 50°C. This current is determined by
soldering the component on a typical application PCB, and then apply the current to the device for 30 minutes.
(2) The saturation current (Isat) is the approximate current at which the inductance will be decreased by 20% typical from its initial (zero DC) value.


Similar Part No. - HM72A10R68LFTR13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72A-06100LF ETC2-HM72A-06100LF Datasheet
636Kb / 4P
   Operating Temperature Range
logo
TT Electronics.
HM72A-06100LF TTELEC-HM72A-06100LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72A-061R0LF ETC2-HM72A-061R0LF Datasheet
636Kb / 4P
   Operating Temperature Range
logo
TT Electronics.
HM72A-061R0LF TTELEC-HM72A-061R0LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72A10R68LFTR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72E-12 BITECH-HM72E-12 Datasheet
425Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72E-12 TTELEC-HM72E-12 Datasheet
443Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72E-12 BITECH-HA72E-12 Datasheet
402Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-06 BITECH-HM72B-06 Datasheet
400Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72B-06100LFTR13 ETC2-HM72B-06100LFTR13 Datasheet
200Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HA72E-06 TTELEC-HA72E-06 Datasheet
884Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-12 TTELEC-HM72B-12 Datasheet
744Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72E-06 ETC2-HM72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com