Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM68106R8LFTR Datasheet(PDF) 2 Page - Bi technologies

Part # HM68106R8LFTR
Description  Miniature Button Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM68106R8LFTR Datasheet(HTML) 2 Page - Bi technologies

  HM68106R8LFTR Datasheet HTML 1Page - Bi technologies HM68106R8LFTR Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
39
Notes:
(1) Inductance is measured at 100 kHz, 1.0 Vrms, 0 ADC.
(2) DC resistance is measured at 20°C.
(3) Rated current is the approximate current at which inductance will be decreased by 35% from its initial (zero DC) value
or the current at which
∆T = 40°C, whichever is lower.
(4) Short pin 1 to pin 4, & pin 2 to pin 3 when HM68-50XXX ( Inductance below 22µH
) model is in use.
Outline Dimensions (Inch/mm)
Recommended Solder Pad Layout
E
J
F G
Figure 1 & 2
Figure 3 & 4
Case Size Figure
A
B
C
D
E
F
G
H
I
J
10
1
.252
.197±.012 .039±.004 .197±.004
.224
.079
.157
-
-
.146
6.40
5.00±0.3
1.00±.10
5.00±.10
5.70
2.00
4.00
3.7
20
1
.252
.197±.012 .039±.004 .197±.004
.224
.079
.157
-
-
.146
6.40
5.00±0.3
1.20±.10
5.00±.10
5.70
2.00
4.00
3.7
30
2
.252
.197±.012 .039±.004 .197±.004
.224
.079
.157
-
-
.146
6.40
5.00±0.3
1.00±.10
5.00±.10
5.70
2.00
4.00
3.7
40
2
.252
.197±.012 .047±.004 .197±.004
.224
.079
.157
-
-
.146
6.40
5.00±0.3
1.20±.10
5.00±.10
5.70
2.00
4.00
3.7
50
3 & 4
.291
.216±.012 .059 Max. .236±.008
.224
.142
.252
.330
.106
-
7.40
5.50±0.3 1.50 Max.
6.0±0.2
5.70
3.60
6.40
8.40
2.70
Specifications (Cont’d)
4
470
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
For values below 10µH, “R” denotes the decimal point.
Model Series
Tape & 7” Reel (1000 Units/Reel)
Lead-Free Option
LF = Lead-Free
(No code used for non lead-free part)
HM68
50
3R3
LF
TR
Case Size:
10, 20 = Figure 1, Nonshielded
30, 40 = Figure 2, Shielded
50 (L<22µH) = Figure 3, Nonshielded
50 (L>22µH) = Figure 4, Nonshielded
Figure 2 - Shielded
Figure 1 - Nonshielded
Figure 1 - Nonshielded
Figure 3 - Nonshielded
Figure 4 - Nonshielded


Similar Part No. - HM68106R8LFTR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6804 HMSEMI-HM6804 Datasheet
618Kb / 5P
   Dual N-Channel Enhancement Mode Power MOSFET
HM6804D HMSEMI-HM6804D Datasheet
313Kb / 5P
   Dual N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM68106R8LFTR

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
DB Lectro Inc
ES40-P DBLECTRO-ES40-P Datasheet
344Kb / 5P
   Sealed Sub-Miniature Push button Switches
logo
Vishay Siliconix
VIV VISHAY-VIV Datasheet
78Kb / 3P
   Inductors,Variable,Miniature
Revision: 10-Aug-06
logo
Rhombus Industries Inc.
L-41000 RHOMBUS-IND-L-41000 Datasheet
33Kb / 1P
   Miniature Encapsulated Inductors
logo
EPCOS
B78008-S1102-K1 EPCOS-B78008-S1102-K1 Datasheet
81Kb / 2P
   RF Inductors Miniature Ferrite Inductors (MIFI)
logo
C&D Technologies
2200R CANDD-2200R Datasheet
72Kb / 2P
   Miniature Radial Lead Inductors
logo
EPCOS
B65495 EPCOS-B65495 Datasheet
106Kb / 6P
   Miniature pot cores for adjustable miniature inductors
logo
Rhombus Industries Inc.
L-14900 RHOMBUS-IND-L-14900 Datasheet
29Kb / 1P
   Low Power Inductors (Miniature)
logo
List of Unclassifed Man...
SMDCH1210 ETC1-SMDCH1210 Datasheet
146Kb / 9P
   MINIATURE SMD CHIP INDUCTORS
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
   Axially Leaded Miniature Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com