Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT150H60TG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT150H60TG
Description  Full - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150H60TG Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT150H60TG Datasheet HTML 1Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 2Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 3Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 4Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT150H60TG
www.microsemi.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
50
100
150
200
250
300
00.511.522.5
3
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
50
100
150
200
250
300
00.511.522.533.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
50
100
150
200
250
300
5
678
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
2
4
6
8
10
0
50
100
150
200
250
300
IC (A)
VCE = 300V
VGE = 15V
RG = 3.3Ω
TJ = 150°C
Eon
Eon
Eoff
Eoff
Er
0
2
4
6
8
10
12
0
5
10
15
20
25
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC= 150A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
50
100
150
200
250
300
350
0
100 200 300 400 500 600 700
VCE (V)
VGE=15V
TJ=150°C
RG=3.3Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
IGBT


Similar Part No. - APTGT150H60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150H60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H170 ADPOW-APTGT150H170 Datasheet
274Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3 ADPOW-APTGT50H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT75H60T3G ADPOW-APTGT75H60T3G Datasheet
289Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT20H60T3G MICROSEMI-APTGT20H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3G MICROSEMI-APTGT30H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H170T3G MICROSEMI-APTGT30H170T3G Datasheet
265Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3G MICROSEMI-APTGT50H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com