Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT150H60TG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT150H60TG
Description  Full - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT150H60TG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT150H60TG Datasheet HTML 1Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 2Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 3Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 4Page - Microsemi Corporation APTGT150H60TG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT150H60TG
www.microsemi.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
50
100
150
200
IC (A)
VCE=300V
D=50%
RG=3.3Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT150H60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150H60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H170 ADPOW-APTGT150H170 Datasheet
274Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3 ADPOW-APTGT50H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT75H60T3G ADPOW-APTGT75H60T3G Datasheet
289Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT20H60T3G MICROSEMI-APTGT20H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3G MICROSEMI-APTGT30H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H170T3G MICROSEMI-APTGT30H170T3G Datasheet
265Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3G MICROSEMI-APTGT50H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com