Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64XR100LF Datasheet(PDF) 2 Page - Bi technologies

Part # 64XR100LF
Description  1/4 Square Multiturn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

64XR100LF Datasheet(HTML) 2 Page - Bi technologies

  64XR100LF Datasheet HTML 1Page - Bi technologies 64XR100LF Datasheet HTML 2Page - Bi technologies 64XR100LF Datasheet HTML 3Page - Bi technologies 64XR100LF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.10
2.54
.02
0.51
.10
2.54
.10
2.54
CL
Schematic Diagram
This Surface
Model 64W
Model 64
1-36
TOP ADJUSTMENT (Inch/mm)
.070
± .005
1.78
± 0.13
.020
0.51
.050
.040
1.02
1.27
.040
1.02
.020
0.51
.172
4.37
.270
± .020
6.86
± 0.51
Ø.018
± .002
0.46
± .05
.020
0.51
.165
± .020
4.19
± 0.51
.250
± .020
6.35
± .0.51
Metal Adjustment Screw
Dia. With Slot
Wide x
Standard Marking
On This Surface
Min.
Min.
12
3
Terminal Pins (3)
Solderable
Min.
Min. Deep
Model 64W and 64Y
.10
2.54
.092
2.34
.10
2.54
CL
Model 64Y
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
Note: Model 64W dimensions applicable to all models except as noted.


Similar Part No. - 64XR100LF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64X VISHAY-64X Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
More results

Similar Description - 64XR100LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com