Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT200SK60TG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGT200SK60TG
Description  Buck chopper Trench Field Stop IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT200SK60TG Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGT200SK60TG Datasheet HTML 1Page - Microsemi Corporation APTGT200SK60TG Datasheet HTML 2Page - Microsemi Corporation APTGT200SK60TG Datasheet HTML 3Page - Microsemi Corporation APTGT200SK60TG Datasheet HTML 4Page - Microsemi Corporation APTGT200SK60TG Datasheet HTML 5Page - Microsemi Corporation APTGT200SK60TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTGT200SK60TG
www.microsemi.com
3 - 6
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.24
RthJC
Junction to Case Thermal Resistance
Diode
0.4
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
2.5
4.7
N.m
Wt
Package Weight
160
g
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTGT200SK60TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT200SK60TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225SK170 ADPOW-APTGT225SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT300SK170 ADPOW-APTGT300SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150SK170G MICROSEMI-APTGT150SK170G Datasheet
246Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT100SK60T3AG MICROSEMI-APTGT100SK60T3AG Datasheet
204Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60G MICROSEMI-APTGT600SK60G Datasheet
247Kb / 6P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK170T ADPOW-APTGT50SK170T Datasheet
280Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60 ADPOW-APTGT600SK60 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com