Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT400SK120G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT400SK120G
Description  Buck chopper Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT400SK120G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT400SK120G Datasheet HTML 1Page - Microsemi Corporation APTGT400SK120G Datasheet HTML 2Page - Microsemi Corporation APTGT400SK120G Datasheet HTML 3Page - Microsemi Corporation APTGT400SK120G Datasheet HTML 4Page - Microsemi Corporation APTGT400SK120G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT400SK120G
www.microsemi.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
100
200
300
400
500
600
700
800
012
34
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=17V
VGE=9V
0
100
200
300
400
500
600
700
800
01234
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
TJ=125°C
0
100
200
300
400
500
600
700
800
56789
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eon
Eoff
Er
0
20
40
60
80
100
0
100 200 300 400 500 600 700 800
IC (A)
VCE = 600V
VGE = 15V
RG = 1.2Ω
TJ = 125°C
Eon
Eoff
Er
0
10
20
30
40
50
60
70
80
90
100
0246
8
10
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 400A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
100
200
300
400
500
600
700
800
900
0
300
600
900
1200
1500
VCE (V)
VGE=15V
TJ=125°C
RG=1.2 Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APTGT400SK120G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT400SK120 ADPOW-APTGT400SK120 Datasheet
271Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400SK120D3G MICROSEMI-APTGT400SK120D3G Datasheet
218Kb / 5P
   Buck Chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT400SK120G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT300SK120 ADPOW-APTGT300SK120 Datasheet
271Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT75SK120T ADPOW-APTGT75SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50SK120TG MICROSEMI-APTGT50SK120TG Datasheet
259Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120TG MICROSEMI-APTGT150SK120TG Datasheet
258Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120TG MICROSEMI-APTGT100SK120TG Datasheet
257Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK120TG ADPOW-APTGT50SK120TG Datasheet
283Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT100SK120T ADPOW-APTGT100SK120T Datasheet
279Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120 ADPOW-APTGT150SK120 Datasheet
269Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
APTGT150SK120T ADPOW-APTGT150SK120T Datasheet
280Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300SK120G MICROSEMI-APTGT300SK120G Datasheet
245Kb / 5P
   Buck chopper Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com