Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT450SK60G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT450SK60G
Description  Buck chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT450SK60G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT450SK60G Datasheet HTML 1Page - Microsemi Corporation APTGT450SK60G Datasheet HTML 2Page - Microsemi Corporation APTGT450SK60G Datasheet HTML 3Page - Microsemi Corporation APTGT450SK60G Datasheet HTML 4Page - Microsemi Corporation APTGT450SK60G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT450SK60G
www.microsemi.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
200
400
600
800
1000
0
0.5
1
1.5
2
2.5
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
200
400
600
800
1000
00.5
1
1.522.533.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
200
400
600
800
1000
56
78
9
10
11
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
IC (A)
VCE = 300V
VGE = 15V
RG = 1Ω
TJ = 150°C
Eon
Eon
Eoff
Er
0
10
20
30
02468
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 450A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
200
400
600
800
1000
0
100 200 300 400 500 600 700
VCE (V)
VGE=15V
TJ=150°C
RG=1Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
IGBT


Similar Part No. - APTGT450SK60G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT450SK60G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225SK170 ADPOW-APTGT225SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT300SK170 ADPOW-APTGT300SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150SK170G MICROSEMI-APTGT150SK170G Datasheet
246Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT100SK60T3AG MICROSEMI-APTGT100SK60T3AG Datasheet
204Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60G MICROSEMI-APTGT600SK60G Datasheet
247Kb / 6P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK170T ADPOW-APTGT50SK170T Datasheet
280Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60 ADPOW-APTGT600SK60 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com