Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM08TDUM04PG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM08TDUM04PG
Description  Triple dual common source MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM08TDUM04PG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM08TDUM04PG Datasheet HTML 1Page - Microsemi Corporation APTM08TDUM04PG Datasheet HTML 2Page - Microsemi Corporation APTM08TDUM04PG Datasheet HTML 3Page - Microsemi Corporation APTM08TDUM04PG Datasheet HTML 4Page - Microsemi Corporation APTM08TDUM04PG Datasheet HTML 5Page - Microsemi Corporation APTM08TDUM04PG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM08TDUM04PG
www.microsemi.com
1 – 6
S3/S4
G5
D5
S5
S5/S6
S1
D1
G1
S1/S2
S3
D3
G3
D6
S6
G6
D2
G2
S2
D4
S4
G4
G5
G6
S6
S5
G3
D 3
D 5
S3/S4
G4
S4
D 6
D 4
S3
D 1
S5/S6
S2
G2
S1
G1
D 2
S1/S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
75
V
Tc = 25°C
120
ID
Continuous Drain Current
Tc = 80°C
90
IDM
Pulsed Drain current
250
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
4.5
m
PD
Maximum Power Dissipation
Tc = 25°C
138
W
IAR
Avalanche current (repetitive and non repetitive)
75
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
1500
mJ
VDSS = 75V
RDSon = 4.2mΩ max @ Tj = 25°C
ID = 120A @ Tc = 25°C
Application
AC Switches
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
Power MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Very low (12mm) profile
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
RoHS Compliant
Triple dual common source
MOSFET Power Module


Similar Part No. - APTM08TDUM04PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM08TDUM04P ADPOW-APTM08TDUM04P Datasheet
308Kb / 6P
   Triple dual common source MOSFET Power Module
More results

Similar Description - APTM08TDUM04PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50TDUM65P ADPOW-APTM50TDUM65P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM20TDUM16P ADPOW-APTM20TDUM16P Datasheet
313Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM10TDUM19PG MICROSEMI-APTM10TDUM19PG Datasheet
287Kb / 7P
   Triple dual common source MOSFET Power Module
APTM20TDUM16PG MICROSEMI-APTM20TDUM16PG Datasheet
295Kb / 8P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM120TDU57P ADPOW-APTM120TDU57P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
APTM08TDUM04P ADPOW-APTM08TDUM04P Datasheet
308Kb / 6P
   Triple dual common source MOSFET Power Module
APTM100TDU35P ADPOW-APTM100TDU35P Datasheet
316Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM120TDU57PG MICROSEMI-APTM120TDU57PG Datasheet
296Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Advanced Power Technolo...
APTM10TDUM19P ADPOW-APTM10TDUM19P Datasheet
311Kb / 6P
   Triple dual common source MOSFET Power Module
logo
Microsemi Corporation
APTM10TDUM09PG MICROSEMI-APTM10TDUM09PG Datasheet
286Kb / 6P
   Triple dual common source MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com