Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2616 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2616 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA2616 Datasheet HTML 1Page - NXP Semiconductors TDA2616 Datasheet HTML 2Page - NXP Semiconductors TDA2616 Datasheet HTML 3Page - NXP Semiconductors TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
July 1994
5
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
LIMITING VALUES
In accordance with the Absolute maximum System (IEC 134).
Note to the limiting values
1. For asymmetrical power supplies (with the load short-circuited), the maximum unloaded supply voltage is limited to
VP = 28 V and with an internal supply resistance of RS ≥ 4 Ω, the maximum unloaded supply voltage is limited to 32 V
(with the load short-circuited). For symmetrical power supplies the circuit is short-circuit-proof up to VP = ±21 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±VP
supply voltage
21
V
IOSM
non-repetitive peak output current
4A
Ptot
total power dissipation
see Fig.3
25
W
Tstg
storage temperature range
−55
+150
°C
TXTAL
crystal temperature
+150
°C
Tamb
ambient operating temperature range
−25
150
°C
tsc
short circuit time
short-circuit to ground; note 1
1h
Fig.3 Power derating curve.
handbook, halfpage
– 25
0
50
150
32
24
8
0
16
MCD376 - 2
100
T
( C)
o
amb
P
(W)
tot
infinite
heatsink
R
= 3.3 K/W
th-hs
THERMAL RESISTANCE
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
2.5 K/W


Similar Part No. - TDA2616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA2616Q NXP-TDA2616Q Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results

Similar Description - TDA2616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com