Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2836GSIM89 Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM2836GSIM89
Description  300mA LOW ESR CMOS LDO WITH ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2836GSIM89 Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM2836GSIM89 Datasheet HTML 1Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2836GSIM89 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM2836/B/C
300mA LOW ESR CMOS LDO WITH ENABLE
2007/06/28 Rev1.1
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
TA = +25
℃; unless otherwise noted
CM2836/B/C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VOUT
IO = 1mA to 300mA
-2
2
%
1.2V<VO(NOM)
2.0V
1300
2.0V<VO(NOM)
2.5V
400
Dropout Voltage
VDROPOUT
IO = 300mA,
VOUT=VO(NOM)-2%,
2.5V<VO(NOM)
300
mV
Output Current
IO
VOUT > 1.2V
300
mA
Current Limit
ILIM
VOUT > 1.2V
300
450
mA
Short Circuit Current
ISC
Vo<0.8V
300
500
mA
Quiescent Current
IQ
IO = 0mA
30
35
μA
Ground Pin Current
IGND
IO = 1mA to 300mA
30
50
μA
Line Regulation
REGLINE
IOUT=5mA, VIN=VOUT+1 to VOUT+2
-0.1
0.02
0.1
%
Load Regulation
REGLOAD
IO=1mA to 300mA
0.2
1
%
Over Temperature Shutdown
OTS
150
Over Temperature Hysteresis
OTH
30
VOUT Temperature Coefficient
TC
40
ppm/℃
60
50
Power Supply Rejection
(Sot23-3/Sot-89)
PSRR
IO = 100mA
CO=2.2µF ceramic
f=1kHz
f=10kHz
f=100kHz
40
dB
f=1kHz
65
f=10kHz
45
Power Supply Rejection
(Sot23-5/SC70-5)
PSRR
IO = 100mA
CO=2.2µF ceramic
CBYP=0.01µF
f=100kHz
25
dB
CO=2.2µF
30
Output Voltage Noise
(Sot23-3/Sot-89)
eN
f=10Hz to 100kHz
IO = 10mA, CBYP=0µF
CO=100µF
20
μVrms
CO=2.2µF
30
Output Voltage Noise
(Sot23-5/SC70-5)
eN
f=10Hz to 100kHz
IO = 10mA, CBYP=0.01µF
CO=100µF
20
μVrms
Shutdown Supply Current
ISD
VIN=5.0V, VOUT=0V, VEN < VEL
0.2
2.0
μA
IEH
VEN=VIN, VIN=2.6V to 7V
0.1
μA
EN Input Bias Current
IEL
VEN=0, VIN=2.6V to 7V
0.2
2.0
μA
VEH
VIN=2.6V to 7V
2
VIN
V
EN Input Threshold
VEL
VIN=2.6V to 7V
0
0.4
V
Note 1. VIN(MIN) = VOUT + VDROPOUT
Note 2. The input voltage should be better applied before a current source load is applied to avoid start up problem.


Similar Part No. - CM2836GSIM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2836GSIM89 CHAMP-CM2836GSIM89 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results

Similar Description - CM2836GSIM89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com