Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM70351R310LFTR13 Datasheet(PDF) 3 Page - Bi technologies

Part # HM70351R310LFTR13
Description  High Power Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM70351R310LFTR13 Datasheet(HTML) 3 Page - Bi technologies

  HM70351R310LFTR13 Datasheet HTML 1Page - Bi technologies HM70351R310LFTR13 Datasheet HTML 2Page - Bi technologies HM70351R310LFTR13 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
69
Packaging
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number
of trailing zeros. For values
below 10µH, “R” denotes the
decimal point.
Case Size
Model Series
TR - Tape & Reel Packing
13 - 13” reel
HM70
50
1R2
LF
TR13
Lead-Free
Standard: Embossed Tape & Reel
Reel:
Diameter:
= 13” (330.2mm)
Capacity:
Case size 10,20,25,30,32 =
500 Units
Case size 35,40,50,60
=
400 Units
Outline Dimensions (mm)
Recommended Solder
Pad Layout
Top View
Bottom View
Figure 1
Figure 2
Top View
Bottom View
Case size
A
B
C
D
E
F
G
H
I
J
K
10
9.00
10.5
3.70
4.80
1.70
6.00
8.30
2.30 6.00
2.80 3.00
20
9.00
10.5
4.50
4.80
1.70
6.00
8.00
2.00 6.00
2.80 3.00
25
9.00
10.5
5.00
4.80
1.70
6.00
8.30
2.30 6.00
2.80 3.00
30
9.00
10.5
5.20
4.80
1.70
6.00
8.00
2.00 6.00
2.80 3.00
32
9.00
10.5
5.60
4.80
1.70
6.00
8.00
2.00 6.00
2.80 3.00
35
10.7 10.25 4.20
5.60
1.70
6.00
10.6
5.60 6.20
2.10 2.50
40
11.0
12.6
5.20
6.20 2.30
7.50
10.7
3.70 7.50
3.10 3.50
50
13.5
12.9
5.50
6.50 2.30
7.50
13.5
6.50 7.50
3.00 3.50
60
14.0
13.0
5.80
6.50 2.30
7.50
14.0
6.50 7.50
3.00 3.50


Similar Part No. - HM70351R310LFTR13

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7035LB HMSEMI-HM7035LB Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM7035LH HMSEMI-HM7035LH Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM7035LL HMSEMI-HM7035LL Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM7035LR HMSEMI-HM7035LR Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM7035MB HMSEMI-HM7035MB Datasheet
1Mb / 11P
   Low Power Voltage Detector
More results

Similar Description - HM70351R310LFTR13

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com