Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-36 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # DER-36
Description  42W, 4 Output Supply using TOP245Y
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-36 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button DER-36 Datasheet HTML 2Page - Power Integrations, Inc. DER-36 Datasheet HTML 3Page - Power Integrations, Inc. DER-36 Datasheet HTML 4Page - Power Integrations, Inc. DER-36 Datasheet HTML 5Page - Power Integrations, Inc. DER-36 Datasheet HTML 6Page - Power Integrations, Inc. DER-36 Datasheet HTML 7Page - Power Integrations, Inc. DER-36 Datasheet HTML 8Page - Power Integrations, Inc. DER-36 Datasheet HTML 9Page - Power Integrations, Inc. DER-36 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DER-36
42W, 4 Output Set Top Box Supply
April 27, 2004
Page 6 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Circuit Description
4.1
Input EMI Filtering
Components L5, L8, L10, C4, and C10 provide EMI filtering, while L4, L5, L10, SG1, and
RV1 provide line surge protection.
4.2
TOPSwitch Primary
Components D2, R1-2, and C5 comprise an RCD clamp with damping to limit the primary
leakage spike. Use of a normal recovery diode in this clamp circuit allows some leakage
energy to be recycled. Capacitors C16 and C19 bypass the U2 control pin. Components
C19 and R9 also provide frequency compensation for U2. Resistor R8 sets the U2
current limit to 90% of its nominal value.
4.3
Output Rectification
Output rectification and filtering is provided by D4 and C8-9 for the 5V output, D1 and C7
for the 6.8V output, D3 and C2 for the 12V output, and D7 and C12 for the –10V output.
Components L1, 3, L6, L7, L9, C3, C6, C13 and C15 are used for additional high
frequency filtering. Ferrite bead L2 is used to center the 12V output closer to its nominal
value.
4.4
Output Feedback
Output feedback is provided from the 5V output. Resistors R7 and R11 program the
output voltage. The output error signal is coupled back to the supply primary via R5 and
U1. Capacitor C18 and 10 compensate U3, while C17 allows current through U1 during
startup to prevent output overshoot. Resistor R4 discharges C17 when the supply is off.


Similar Part No. - DER-36

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-33 POWERINT-DER-33 Datasheet
540Kb / 24P
   3.9W CV/CC Charger using TNY266P with < 100 mW standby
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
   3.5W CV/CC Adapter using TNY264P
DER-37 POWERINT-DER-37 Datasheet
1Mb / 32P
   16W Low Profile Adapter Supply using TOP245P
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
More results

Similar Description - DER-36

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
   24 W Primary-side Regulated Flyback Power Supply using TOP245Y
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
   6W Dual Output Supply using VIPer12A
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
DER-53 POWERINT-DER-53 Datasheet
1Mb / 27P
   20W Dual Output Power Supply using TOP247Y
logo
Chinfa Electronics Ind....
TDD40 CHINFA-TDD40_14 Datasheet
223Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2 Datasheet
332Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
TDD40-03S2 CHINFA-TDD40-03S2_10 Datasheet
262Kb / 4P
   DC - DC CONVERTER 33 ~ 42W SINGLE & DUAL OUTPUT
logo
Power Integrations, Inc...
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
   7.2 W Dual Output Power Supply using TNY267G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com