Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64ZR50KLFAP Datasheet(PDF) 3 Page - Bi technologies

Part # 64ZR50KLFAP
Description  1/4 Square Multiturn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

64ZR50KLFAP Datasheet(HTML) 3 Page - Bi technologies

  64ZR50KLFAP Datasheet HTML 1Page - Bi technologies 64ZR50KLFAP Datasheet HTML 2Page - Bi technologies 64ZR50KLFAP Datasheet HTML 3Page - Bi technologies 64ZR50KLFAP Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 64
1-37
Standard Marking
On This Surface
Min.
.172
4.37
.040
1.02
.250
± .020
6.35
± 0.51
.175
± .020
4.45
± 0.51
.250
± .020
6.35
± 0.51
0.15
0.38
.10
2.54
.10
2.54
.10
2.54
CL
CL
1
2
3
Model 64P
.10
2.54
.092
2.34
.10
2.54
CL
Model 64Z
SIDE ADJUSTMENT (Inch/mm)
Standard Marking
On This Surface
.040
1.02
.050
1.27
12
3
.040
1.02
.10
2.54
.10
2.54
.10
2.54
Schematic Diagram
This Surface
.02
0.51
CL
Model 64X
Model 64X and 64Z
1


Similar Part No. - 64ZR50KLFAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64Z VISHAY-64Z Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
logo
Rosenberger Hochfrequen...
64Z003-000N ROSENBERGER-64Z003-000N Datasheet
73Kb / 2P
   Protection Cap with cord
More results

Similar Description - 64ZR50KLFAP

ManufacturerPart #DatasheetDescription
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com