Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3505 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3505
Description  Video control combination circuit with automatic cut-off control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3505 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3505 Datasheet HTML 5Page - NXP Semiconductors TDA3505 Datasheet HTML 6Page - NXP Semiconductors TDA3505 Datasheet HTML 7Page - NXP Semiconductors TDA3505 Datasheet HTML 8Page - NXP Semiconductors TDA3505 Datasheet HTML 9Page - NXP Semiconductors TDA3505 Datasheet HTML 10Page - NXP Semiconductors TDA3505 Datasheet HTML 11Page - NXP Semiconductors TDA3505 Datasheet HTML 12Page - NXP Semiconductors TDA3505 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
November 1987
9
Philips Semiconductors
Product specification
Video control combination circuit with automatic
cut-off control
TDA3505
TDA3506
Peak beam current limiting
(pin 25)
Internal DC bias voltage
note 2
V25
5,3
5,5
5,7
V
Input resistance
R25-24
10
k
Input current at contrast
control input
V25 = 4,5 V
I19
10
20
34
mA
Brightness code (pin 20)
note 2
Control voltage range
V20
1
3V
Input current
−I20
−−
10
µA
Change of black level in the
control range related to
the luminance signal
(black/white)
∆V
20 =1 V
−± 50
%
Tracking
95
−−
%
Internal signal limiting (RGB)
Signal limiting referred to
nominal luminance and
nominal black level
black
−−25
%
white
115
120
125
%
White point adjustment
(pins 21, 22, 23)
note 2
AC voltage gain
note 4
V21, 22, 23 = 5,5 V
Gv
100
%
V21, 22, 23 = 0V
Gv
−35
−40
%
V21, 22, 23 = 12 V
Gv
+35
+40
%
Input resistance
R21,22,23-24
20
k
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
logo
List of Unclassifed Man...
TDA3505G ETC1-TDA3505G Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - TDA3505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com