Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DER-44 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # DER-44
Description  41W (53Wpk) Power Supply using TOP246Y
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-44 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button DER-44 Datasheet HTML 4Page - Power Integrations, Inc. DER-44 Datasheet HTML 5Page - Power Integrations, Inc. DER-44 Datasheet HTML 6Page - Power Integrations, Inc. DER-44 Datasheet HTML 7Page - Power Integrations, Inc. DER-44 Datasheet HTML 8Page - Power Integrations, Inc. DER-44 Datasheet HTML 9Page - Power Integrations, Inc. DER-44 Datasheet HTML 10Page - Power Integrations, Inc. DER-44 Datasheet HTML 11Page - Power Integrations, Inc. DER-44 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
DER-44
41W (53W pk) DVR
March 7, 2005
Page 8 of 30
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
6
PCB Layout
Figure 3 – Printed Circuit Layout
Note: Q1, D7, R31, R33, R50, C15, VR6, VR7, VR8 and VR9 are not stuffed on the PCB. C33,
C34, C16, R51, R52, R53, Q2 and VR10 are added to the PCB and mounted on the bottom side of
the PCB


Similar Part No. - DER-44

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
   1.8W non-isolated Power Supply using LNK304
More results

Similar Description - DER-44

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
   41W (53Wpk) Power Supply using TOP246Y
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
   46 W Power Supply using TOP246Y
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
   2.25W Power Supply using LNK520P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
   3.9W Power Supply using TNY263P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
   3W Power Supply using LNK501P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
   24.5W Power Supply using DPA424G
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
   0.7W Power Supply using LNK353P
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
   3.7W Power Supply Using TNY263P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com