Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3592A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3592A
Description  SECAM-PAL transcoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3592A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3592A Datasheet HTML 3Page - NXP Semiconductors TDA3592A Datasheet HTML 4Page - NXP Semiconductors TDA3592A Datasheet HTML 5Page - NXP Semiconductors TDA3592A Datasheet HTML 6Page - NXP Semiconductors TDA3592A Datasheet HTML 7Page - NXP Semiconductors TDA3592A Datasheet HTML 8Page - NXP Semiconductors TDA3592A Datasheet HTML 9Page - NXP Semiconductors TDA3592A Datasheet HTML 10Page - NXP Semiconductors TDA3592A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
January 1988
7
Philips Semiconductors
Product specification
SECAM-PAL transcoder
TDA3592A
Coupling of identification systems
Coupling of a TDA3592A and a PAL decoder can be performed to obtain an optimum identification system. The system
operates using the functions of pins 13, 6 and 7: the voltage level at pin 13 is controlled by the PAL/PAL detection of the
PAL decoder; and the voltage level at pins 6 and 7 are functions of SECAM/SECAM detection in the TDA3592A.
The circuit action is as follows and is summarized in Table 1.
Table 1
System operating modes
System priorities
When TDA3592A pin 13 is connected to the PAL/PAL output of a PAL decoder, the system will give PAL priority in signal
identification. Connecting TDA3592A pin 13 to ground will give SECAM priority.
Luminance and chrominance signal paths
The signal input at pin 16 is clamped by a circuit which detects the top of the luminance signal sync pulse. This clamp,
the luminance signal path to pin 15 and the SECAM signal path to pin 14 remain active when the supply voltage falls to
(typ.) 5 V. At this level of supply voltage the SECAM processing circuits are switched off, giving a reduction in total power
dissipation.
Channel switching
During channel switching pin 6 is taken rapidly to a high voltage (
± 10,2 V), this corresponds
to the SECAM mode of the TDA3592A.
PAL
The high voltage level at pin 6 caused by channel switching is maintained by the TDA3592A
when it recognizes the signal as SECAM (this condition is maintained even if reflected PAL
signals are present). The PAL decoder recognizes the signal as PAL and takes pin 13 of
TDA3592A to a voltage greater than 1,7 V. The TDA3592A is now held in the SECAM
condition by an internal current source at pin 6.
SECAM
The initial high voltage level (
+ 10,2 V) at pin 6 caused by channel switching sets the
TDA3592A in the SECAM mode and during this time the PAL decoder detects a PAL signal.
This causes a voltage at pin 13 of
< 1,1 V which prevents the internal current source of
TDA3592A maintaining the high voltage level of pin 6 which, in turn, allows the TDA3592A to
detect SECAM. The initiation of SECAM detection is delayed by the action of the external
circuit at pins 6 and 7 and commences as pin 6 approaches 7,0 V. The SECAM signals are
converted by TDA3592A to PAL signals at pin 14, which results in the PAL decoder switching
to the PAL mode (the TDA3592A remains in the SECAM mode).
Black-and-white
The TDA3592A is initially set in the SECAM mode as previously described. The PAL decoder
detects PAL and the TDA3592A detects SECAM which results in a system operation in the
colour-killing mode.
TDA3592A
PAL DECODER MODE
SYSTEM OPERATING MODE
SECAM
PAL
SECAM
SECAM
PAL
condition not used
SECAM
PAL
PAL
SECAM
PAL
black-and-white


Similar Part No. - TDA3592A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3590A ETC-TDA3590A Datasheet
1Mb / 15P
   SECAM PROCESSOR CIRCUIT
More results

Similar Description - TDA3592A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52063SP MITSUBISHI-M52063SP Datasheet
496Kb / 13P
   NTSC/QUASI PAL TRANSCODER
logo
List of Unclassifed Man...
TCA640 ETC1-TCA640 Datasheet
331Kb / 8P
   CHROMINANCE AMPLIFIER FOR SECAM OR PAL / SECAM DECODERS
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
logo
Panasonic Semiconductor
AN5633K PANASONIC-AN5633K Datasheet
281Kb / 9P
   SECAM-PAL SIGNAL-CONVERSION IC
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Panasonic Semiconductor
AN5636K PANASONIC-AN5636K Datasheet
75Kb / 9P
   SECAM/PAL signal conversion IC
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com