Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3604TH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3604TH
Description  Multiple voltage regulators with external reset delay and switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3604TH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3604TH Datasheet HTML 4Page - NXP Semiconductors TDA3604TH Datasheet HTML 5Page - NXP Semiconductors TDA3604TH Datasheet HTML 6Page - NXP Semiconductors TDA3604TH Datasheet HTML 7Page - NXP Semiconductors TDA3604TH Datasheet HTML 8Page - NXP Semiconductors TDA3604TH Datasheet HTML 9Page - NXP Semiconductors TDA3604TH Datasheet HTML 10Page - NXP Semiconductors TDA3604TH Datasheet HTML 11Page - NXP Semiconductors TDA3604TH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Aug 21
8
Philips Semiconductors
Product specification
Multiple voltage regulators with external
reset delay and switch
TDA3604Q; TDA3604TH
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
25
V
reverse polarity
non-operating
−−18
V
jump start
t
≤ 10 minutes
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms
50
V
Vppi
positive pulse voltage at ignition buffer
VP = 14.4 V; RI =1kΩ−
50
V
Vnpi
negative pulse voltage at ignition buffer
VP = 14.4 V; RI =1kΩ−
−100
V
Tstg
storage temperature
non-operating
−55
+150
°C
Tvj
operating virtual junction temperature
−40
+150
°C
Ptot
total power dissipation
15.6
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
8
K/W
Rth j-a
thermal resistance from junction to ambient in free air
50
K/W


Similar Part No. - TDA3604TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3601AQ PHILIPS-TDA3601AQ Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3603P PHILIPS-TDA3603P Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
More results

Similar Description - TDA3604TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
logo
ON Semiconductor
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
   3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
June 2000
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com