Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3616 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3616
Description  Multiple voltage regulator with battery detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3616 Datasheet HTML 7Page - NXP Semiconductors TDA3616 Datasheet HTML 8Page - NXP Semiconductors TDA3616 Datasheet HTML 9Page - NXP Semiconductors TDA3616 Datasheet HTML 10Page - NXP Semiconductors TDA3616 Datasheet HTML 11Page - NXP Semiconductors TDA3616 Datasheet HTML 12Page - NXP Semiconductors TDA3616 Datasheet HTML 13Page - NXP Semiconductors TDA3616 Datasheet HTML 14Page - NXP Semiconductors TDA3616 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2000 Jan 14
11
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
Application information
NOISE
The noise at the output of the regulator depends on the
bandwidth of the regulator, which can be adjusted by the
output capacitor CL. Table 1 shows the noise figures.
The noise on the supply line depends on the value of the
supply capacitor CP and is caused by a current noise (the
output noise of the regulator is translated into a current
noise by the output capacitor). When a high frequency
capacitor of 220 nF (with an electrolytic capacitor of
100
µF connected in parallel) is connected directly
between pins VP and GND the noise is minimized.
Table 1
Noise figures
Note
1. Measured at a bandwidth of 10 Hz to 100 kHz.
STABILITY
The regulator is stabilized by the output capacitor CL.
The value of the output capacitor can be selected using
the diagram shown in Fig.8. The following two examples
show the effects of the stabilization circuit using different
values for the output capacitor.
Remark: The behaviour of ESR as a function of the
temperature must be known.
Example 1
The regulator is stabilized using an electrolytic output
capacitor of 68
µF (ESR = 0.5 Ω). At Tamb = −40 °C the
capacitor value is decreased to 22
µF and the ESR is
increased to 3.5
Ω. The regulator will remain stable at a
temperature of Tamb = −40 °C.
Example 2
The regulator is stabilized using an electrolytic output
capacitor of 10
µF (ESR = 3.3 Ω). At Tamb = −40 °C the
capacitor value is decreased to 3
µF and the ESR is
increased to 23.1
Ω. The regulator will be unstable at a
temperature of Tamb = −40 °C. This can be solved by using
a tantalum capacitor of 10
µF.
IO (mA)
NOISE FIGURE (
µV)(1)
CL =10 µFCL =47 µFCL = 100 µF
0.5
58
50
45
50
250
200
180
handbook, full pagewidth
2
0
1
0.68
(1)
(2)
10
output capacitor (
µF)
MBK118
4
6
8
stable region
100
1000
ESR
(
Ω)
Fig.8 Curve for selecting the value of the output capacitor.
(1) Maximum Equivalent Series Resistance (ESR).
(2) Minimum ESR.


Similar Part No. - TDA3616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3617J PHILIPS-TDA3617J Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618 PHILIPS-TDA3618 Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
More results

Similar Description - TDA3616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com